Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA24C1024LEMF Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części SA24C1024LEMF
Szczegółowy opis  1024Kb EEPROM IIC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SA24C1024LEMF Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SA24C1024LEMF Datasheet HTML 4Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 5Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 6Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 7Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 8Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 9Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 10Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 11Page - List of Unclassifed Manufacturers SA24C1024LEMF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SA24C1024 Datasheet
SAIFUN
8
VCC (2.7 V to 3.6 V) DC Electrical Characteristics
Limits
Symbol
Parameter
Test Conditions
Min
Typ
(Notes)
Max
Units
fSCL = 100 kHz (Read)
2
3
mA
fSCL = 100 kHz (Write)
8
11
mA
fSCL = 400 KHZ (Read)
2
3
mA
fSCL = 400 kHz (Write)
8
11
mA
fSCL = 1.7 MHz (Read)
5
7
mA
fSCL = 1.7 MHz (Write)
8
11
mA
fSCL = 3.4 MHz (Read)
5
7
mA
ICCA
Active Power Supply
Current
fSCL = 3.4 MHz (Write)
8
11
mA
ISB
Standby Current (L)
VIN = GND or VCC
0.5
1
µA
Standby Current
(LZ)
VIN = GND or VCC
0.2
0.7
µA=
IIL
Input Leakage
Current
VIN = GND to VCC
0.1
1
µA
IOL
Output Leakage
Current
VOUT = GND to VCC
0.1
1
µA
VIL
Input Low Voltage
-0.3
VCC x 0.3
V
VIH
Input High Voltage
VCC *
0.7
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 3 mA
0.4
V
Notes:
(1) Typical values are TA = +25
°C and nominal supply voltage of 3 V.
(2) Write frequency is 50 Hz.
Capacitance
TA = +25
°C, f = 100/400 kHz/1.7 MHz/3.4 MHz, VCC = 3V (see note 2)
Symbol
Test
Conditions
Max
Units
CI/O
Input/Output Capacitance (SDA)
VI/O = 0 V
8
pF
CIN
Input Capacitance (A0, A1, A2, SCL)
VIN = 0 V
6
pF
Notes:
(1) This parameter is periodically sampled and not 100% tested.
(2) Typical values are TA = +25 °C and nominal supply voltage of 3 V.


Podobny numer części - SA24C1024LEMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SA24C PANJIT-SA24C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA24C YANGJIE-SA24C Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
SA24C WTE-SA24C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SA24C ANOVA-SA24C Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Micro Commercial Compon...
SA24C MCC-SA24C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Podobny opis - SA24C1024LEMF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
RF803E ETC2-RF803E Datasheet
743Kb / 13P
   Encoder // Decoder IIC?쇺?s
logo
Asahi Kasei Microsystem...
AP1011 AKM-AP1011 Datasheet
220Kb / 5P
   9V Duall H--Briidge Mottor Driiver IIC
logo
List of Unclassifed Man...
NT68275 ETC-NT68275 Datasheet
1Mb / 38P
   IIC Bus Controlled On-Screen Display
logo
Asahi Kasei Microsystem...
AP1012 AKM-AP1012 Datasheet
282Kb / 5P
   18V Duall H-Briidge Motor Driiver IIC
logo
TRINAMIC Motion Control...
USB-2-X TRINAMIC-USB-2-X Datasheet
317Kb / 1P
   USB to CAN,IIC,RS485,SPI,LIN Interface Converter
logo
PHOENIX CONTACT
2865298 PHOENIX-2865298 Datasheet
301Kb / 12P
   Ex-i solenoid driver for Group IIC gases, loop-powered, pluggable
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com