Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPAM05S-150036 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPAM05S-150036
Szczegółowy opis  ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAM05S-150036 Arkusz danych(HTML) 1 Page - Total Power International

  TPAM05S-150036 Datasheet HTML 1Page - Total Power International TPAM05S-150036 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com
Total Power International, Inc.
ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR
POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
TPAM05S & TPAM05D SERIES
FEATURES:
ON-BOARD AC/DC MODULAR
POWER SUPPLIES
UNIVERSAL AC INPUT RANGE
COMPACT IN SIZE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET CISPR PUB.22 / FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Frequency: 47-63 Hz. (50/60Hz.Nom.).
Input Current: 0.15A @115Vac./0.07A @230Vac.
Inrush Current: 32.5A peak @ 230Vac.
Input Fuse: Use external fuse. 1.0A/250Vac for the
primary fuse is suggested.
Dielectric Withstand: Meet IEC950.
3,000Vac-Output/Input.
1,500Vac-Input/GND.
500Vac-Output/GND.
EMI: Meet CISPR PUB.22 / FCC Class B.
Hold-up time: 20 mS @115Vac, 80mS @230Vac.
Earth Leakage: Less than 3.5mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart
Output Wattage: 5Watts typical.
Output Indicator: LED.
Line Regulation: Various with output voltages.
TPAM05S ±0.1 % typical.
TPAM05D ±0.5% typical.
Load Regulation: Various with output voltage.
TPAM05S ±1.0% typical.
TPAM05D ±2.0% typical.
Noise & ripple: 1.0% typical peak to peak.
OVP: Built-in on main output.
Adjustability: From -10% of main output till OVP.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: 64%-78% typical. (Various with output voltage).
Switching Frequency: 75K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Typical peak deviation 250mV,
Recovery time < 3mS for a 25% load change.
Case: Impact resistant thermo-plastic enclosure.
Weight: 107.0g (3.77 Oz).
Power Density: 1.61 Watts. / Cubic inch.
Safety Standard: EN60950/ UL1950 Class I.
MTBF: 110,000 hours. Mil Std 217, 25°C.
Operating Temperature: -10 to +70°C range.
-10°C to +50°C full load without derating.
From +50°C, derating linearly to half load @+70°C.
(Refer to Derating Chart.)
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: ± 0.03% /°C.
Humidity: Up to 95%RH, Non-condensing.
Cooling: Convection cooling for +50°C @ full load.
At least 100LFM moving air is recommended
for full load > +50°C in a confined area.
Commercial Grade only.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load Regulation measured from Full-Load (F-L) to Half-Load (H-L) at nominal input and others loaded at half load.
Due to requests in market and advances in technology, specifications subject to change without notice.


Podobny numer części - TPAM05S-150036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPAM05S-150036 TOTAL-POWER-TPAM05S-150036 Datasheet
323Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 5-WATTS SINGLE AND DUAL OUTPUT TPAM05S AND TPAM05D SERIES
More results

Podobny opis - TPAM05S-150036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HITRON ELECTRONICS CORP...
HAM05S HITRON-HAM05S Datasheet
322Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 5 WATTS SINGLE & DUAL OUTPUT
HAM10S HITRON-HAM10S Datasheet
370Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS SINGLE & DUAL OUTPUT
HAM16S HITRON-HAM16S Datasheet
359Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS SINGLE & DUAL OUTPUT
logo
Total Power Internation...
TPAM50S TOTAL-POWER-TPAM50S_17 Datasheet
278Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE
logo
HITRON ELECTRONICS CORP...
HAM50-S HITRON-HAM50-S Datasheet
260Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE & MULTIPLE OUTPUT
HAM10-T HITRON-HAM10-T Datasheet
429Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 10 WATTS TRIPLE OUTPUT
HAM16-T HITRON-HAM16-T Datasheet
349Kb / 2P
   ON-BOARD UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 16 WATTS TRIPLE OUTPUT
HAS50S HITRON-HAS50S Datasheet
368Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS SINGLE OUTPUT
HAS50-D HITRON-HAS50-D Datasheet
335Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
logo
Total Power Internation...
TPAS50D TOTAL-POWER-TPAS50D_17 Datasheet
366Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC ENCAPSULATED MODULAR POWER SUPPLIES 50 WATTS DUAL & TRIPLE OUTPUT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com