Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4884 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części SI4884
Szczegółowy opis  TrenchMOS??logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI4884 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  SI4884 Datasheet HTML 1Page - NXP Semiconductors SI4884 Datasheet HTML 2Page - NXP Semiconductors SI4884 Datasheet HTML 3Page - NXP Semiconductors SI4884 Datasheet HTML 4Page - NXP Semiconductors SI4884 Datasheet HTML 5Page - NXP Semiconductors SI4884 Datasheet HTML 6Page - NXP Semiconductors SI4884 Datasheet HTML 7Page - NXP Semiconductors SI4884 Datasheet HTML 8Page - NXP Semiconductors SI4884 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
SI4884
TrenchMOS™ logic level FET
Product data
Rev. 02 — 12 April 2002
5 of 12
9397 750 09582
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Characteristics
Table 4:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS = 0 V
30
--V
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS; Figure 9
1-
2V
IDSS
drain-source leakage current
VDS =24V; VGS =0V
Tj =25 °C
--1
µA
Tj = 100 °C
--5
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS = 0 V
-
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID =10A; Figure 7 and 8
-
11
16.5
m
VGS = 10 V; ID = 12 A;
-
8.9
10.5
m
Dynamic characteristics
gfs
forward transconductance
VDS =15V; ID =10A;
-
34
-
S
Qg(tot)
total gate charge
ID = 15 A; VDD =16V; VGS =5V; Figure 13
-
17.6
-
nC
Qgs
gate-source charge
-
4
-
nC
Qgd
gate-drain (Miller) charge
-
4.4
-
nC
Ciss
input capacitance
VGS =0V; VDS = 16 V; f = 1 MHz; Figure 11
-
1335 -
pF
Coss
output capacitance
-
391
-
pF
Crss
reverse transfer capacitance
-
190
-
pF
td(on)
turn-on delay time
VDD =16V; RD =10 Ω; VGS = 10 V
-
10.6
-
ns
tr
rise time
-
11.7
-
ns
td(off)
turn-off delay time
-
37
-
ns
tf
fall time
-19
-
ns
Source-drain (reverse) diode
VSD
source-drain (diode forward) voltage IS = 1 A; VGS =0V; Figure 12
-
0.7
1.0
V
trr
reverse recovery time
IS = 2.3 A; dIS/dt = −100 A/µs; VGS =0V
-
70
-
ns


Podobny numer części - SI4884

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4884BDY VISHAY-SI4884BDY Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Aug-05
SI4884BDY VISHAY-SI4884BDY Datasheet
192Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Feb-09
SI4884BDY-T1 VISHAY-SI4884BDY-T1 Datasheet
123Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 01-Aug-05
SI4884BDY-T1-E3 VISHAY-SI4884BDY-T1-E3 Datasheet
260Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Feb-09
SI4884BDY VISHAY-SI4884BDY_17 Datasheet
192Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Feb-09
More results

Podobny opis - SI4884

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com