Zakładka z wyszukiwarką danych komponentów |
|
SMBJ10 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMBJ10 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 6 page Production specification TRANSIENT VOLTAGE SUPPRESSOR SMBJ5.0--SMBJ440CA Document Number: SMB601AF www.gmicroelec.com 1 FEATURES Glass passivated junction Low incremental surge resistance, excellent clamping capability Low profile package with built-in strain relief for surface mounted applications 600W peak pulse power capability with a 10/1000μs Wave form, repetition rate (duty cycle): 0.01% Very fast response time High temperature soldering guaranteed: 250°C/10 seconds at terminals MECHANICAL DATA Case: JEDEC DO-214AA molded plastic over passivated chip Terminals: solder plated, solderable per MIL-STD-750, method 2026 Polarity: foruni-directional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting position: any Weight: 0.002 ounces, 0.064 grams Devices for Bidirectional Applications For bi-directional devices, use suffix C or CA (e.g. SMBJ10C, SMBJ10CA). Electrical characteristics apply in both directions. Maximum Ratings and Thermal Characteristics (TA=25 unless otherwise noted) ℃ Characteristic Symbol Value Unit Peak power dissipation with a 10/1000μs waveform (NOTE 1,2, FIG.1) PPPM Minimum 600 W Peak pulse current with a 10/1000μs waveform (NOTE 1) IPPM See Table Below A Typical thermal resistance, junction to ambient ( (NOTE 2) R θ JA 100.0 ℃/W Peak forward surge current, 8.3ms single half sine-wave uni-directional only (NOTE 3) IFSM 100.0 A Typical thermal resistance, junction to lead R θ J L 20 ℃/W Operating junction and storage temperature range TJ, TSTG -55---+150 ℃ NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2. (2) Mounted on minimum recommended pad layout. (3) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal. |
Podobny numer części - SMBJ10 |
|
Podobny opis - SMBJ10 |