Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBJ11 Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części SMBJ11
Szczegółowy opis  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ11 Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ11 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ11 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ11 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ11 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ11 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ11 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMBJ5.0--SMBJ440CA
Document Number: SMB601AF
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
V
SMBJ5.0
6.40
7.82
10
5.0
800
62.5
9.6
SMBJ5.0A
6.40
7.07
10
5.0
800
65.2
9.2
SMBJ6.0
6.67
8.15
10
6.0
800
52.6
11.4
SMBJ6.0A
6.67
7.37
10
6.0
800
58.3
10.3
SMBJ6.5
7.22
8.82
10
6.5
500
48.8
12.3
SMBJ6.5A
7.22
7.98
10
6.5
500
53.6
11.2
SMBJ6.8
7.56
9.24
10
6.8
200
49.5
12.1
SMBJ6.8A
7.56
8.35
10
6.8
200
54.6
11.0
SMBJ7.0
7.78
9.51
10
7.0
200
45.1
13.3
SMBJ7.0A
7.78
8.60
10
7.0
200
50.0
12.0
SMBJ7.5
8.33
10.2
1.0
7.5
100
42.0
14.3
SMBJ7.5A
8.33
9.21
1.0
7.5
100
46.5
12.9
SMBJ8.0
8.89
10.9
1.0
8.0
50
40.0
15.0
SMBJ8.0A
8.89
9.83
1.0
8.0
50
44.1
13.6
SMBJ8.5
9.44
11.5
1.0
8.5
20
37.7
15.9
SMBJ8.5A
9.44
10.4
1.0
8.5
20
41.7
14.4
SMBJ9.0
10.0
12.2
1.0
9.0
10
35.5
16.9
SMBJ9.0A
10.0
11.1
1.0
9.0
10
39.0
15.4
SMBJ10
11.1
13.6
1.0
10
5.0
31.9
18.8
SMBJ10A
11.1
12.3
1.0
10
5.0
35.3
17.0
SMBJ11
12.2
14.9
1.0
11
5.0
29.9
20.1
SMBJ11A
12.2
13.5
1.0
11
5.0
33.0
18.2
SMBJ12
13.3
16.3
1.0
12
5.0
27.3
22.0
SMBJ12A
13.3
14.7
1.0
12
5.0
30.2
19.9
SMBJ13
14.4
17.6
1.0
13
5.0
25.2
23.8
SMBJ13A
14.4
15.9
1.0
13
5.0
27.9
21.5
SMBJ14
15.6
19.1
1.0
14
5.0
23.3
25.8
SMBJ14A
15.6
17.2
1.0
14
5.0
25.9
23.2
SMBJ15
16.7
20.4
1.0
15
5.0
22.3
26.9
SMBJ15A
16.7
18.5
1.0
15
5.0
24.6
24.4
SMBJ16
17.8
21.8
1.0
16
5.0
20.8
28.8
SMBJ16A
17.8
19.7
1.0
16
5.0
23.1
26.0
SMBJ17
18.9
23.1
1.0
17
5.0
19.7
30.5
SMBJ17A
18.9
20.9
1.0
17
5.0
21.7
27.6
SMBJ18
20.0
24.4
1.0
18
5.0
18.6
32.2
SMBJ18A
20.0
22.1
1.0
18
5.0
20.5
29.2


Podobny numer części - SMBJ11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Socay Electornics Co., ...
SMBJ11 SOCAY-SMBJ11 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ11 JGD-SMBJ11 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ11 MICROSEMI-SMBJ11 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMBJ11 DAESAN-SMBJ11 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Shunye Enterprise
SMBJ11 SHUNYE-SMBJ11 Datasheet
327Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SMBJ11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com