Zakładka z wyszukiwarką danych komponentów |
|
SMAJ5942B Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMAJ5942B Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 4 page Production specification Surface mount zener diode SMAJ5913B--SMAJ5956B Document Number : SMA502AA www.gmicroelec.com 1 FEATURES Complete voltage range 3.3 to 200 V Withstands large surge stresses Available on tape and reel High surge current rating MECHANICAL DATA Case: JEDEC SMA, molded plastic Terminals: Solder plated, solderable per MILSTD-750, Method 2026 Polarity: Color band denotes cathods end Weight: 0.002ounces, 0.064 gram Maximum Ratings and Thermal Characteristics (T A=25 unless otherwise noted) ℃ Characteristic Symbol Value Unit Power dissipation at Tamb≤50℃ Ptot 1.5 W Forward voltage @IF=200mA VF 1.2 V Junction temperature TJ -55 -- +150 ℃ Storage temperature range TSTG -55 -- +150 ℃ Pb Lead-free |
Podobny numer części - SMAJ5942B |
|
Podobny opis - SMAJ5942B |