Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02067G-12 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części M02067G-12
Szczegółowy opis  3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02067G-12 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02067G-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02067G-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
M02067 -12/-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
3
3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
Rev V4
Top View Pin Configuration
(See Figure 4-1 for detailed drawing)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24
23
22
21
20
1
ENA
DIS
FAIL
OCA
GND
PD
GND
CMPC
TCSLOPE
TCSTART
MODSET
OCASET
4mm
BIASMON
4mm
MODMON
2067


Podobny numer części - M02067G-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02067G-12 MA-COM-M02067G-12 Datasheet
414Kb / 20P
   Rise and fall times <150 ps
More results

Podobny opis - M02067G-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02067-DSH-001-G MA-COM-02067-DSH-001-G Datasheet
349Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com