Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02069-EVM Arkusz danych(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Numer części M02069-EVM
Szczegółowy opis  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069-EVM Arkusz danych(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M02069-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
M02069-12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
5
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Rev V2
IMD
Monitor
diode
current
adjustment range
Adjusted with RAPCSET
10
1500
µA
Ratio of TxPwrMON current to
monitor photodiode current
1A/A
CMD_MAX
Maximum monitor photodiode
capacitance for APC loop
stability. Includes all associated
parasitic capacitances.
100
pF
TTL/CMOS input high voltage
(DIS)
2.0
5.5
V
TTL/CMOS input low voltage
(DIS)
––
0.8
V
CMOS input high voltage
(VCC3SEL)
2.4
V
CMOS input low voltage
(VCC3SEL)
1.2
V
Logic output high voltage (FAIL) With external 10k
Ω pull-up to VCC.VCC - 0.6
V
Logic output low voltage (FAIL) For 6.8k to 10k ohm resistor when pulled up to
5V
For 4.7k to 10k ohm resistor when pulled up to
3.3V
––
0.4
V
RIN
Differential input impedance
Data inputs
--
6800
Ω
VSELF
Self-biased
common-mode
input voltage
--
VCC3 - 1.3
--
V
VINCM
Common-mode
input
compliance voltage
Data inputs
VCC3 -
1.45
–VCC3-[VIN(Diff)]/4
V
VIN(DIFF)
Differential input voltage
= 2 x (DIN+HIGH - DIN+LOW)
200
2400
mVpp
VCC3THL(3) 3.3V supply detection, lower
threshold
2.5
2.8
2.9
V
VCC3THH(3) 3.3V supply detection, upper
threshold
3.65
3.8
4.1
V
VCC5THL
5V supply detection, lower
threshold
3.9
4.25
4.65
V
VCC5THH
5V supply detection, upper
threshold
5.45
5.8
6.2
V
VREF1
Reference voltage for MODSET
1.8
1.3
1.4
V
VAPCSET
Reference voltage for APCSET
1.35
V
VBL
Bias_OK
lower
voltage
threshold
0.88
1.0
1.05
V
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units


Podobny numer części - M02069-EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02069-EVM MA-COM-M02069-EVM Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

Podobny opis - M02069-EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com