Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA7291AP Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TA7291AP
Szczegółowy opis  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AP Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TA7291AP Datasheet HTML 1Page - Toshiba Semiconductor TA7291AP Datasheet HTML 2Page - Toshiba Semiconductor TA7291AP Datasheet HTML 3Page - Toshiba Semiconductor TA7291AP Datasheet HTML 4Page - Toshiba Semiconductor TA7291AP Datasheet HTML 5Page - Toshiba Semiconductor TA7291AP Datasheet HTML 6Page - Toshiba Semiconductor TA7291AP Datasheet HTML 7Page - Toshiba Semiconductor TA7291AP Datasheet HTML 8Page - Toshiba Semiconductor TA7291AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
4
Electrical Characteristics (Ta
==== 25°C, VCC ==== 5 V, VS ==== 24 V)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICC1-1
Output OFF, CW/CCW mode
¾
6.0
11.0
ICC1-2
Output OFF, CW/CCW mode,
VCC = 24 V
¾
8.0
13.0
mA
ICC2-1
Output OFF, Stop mode
¾
0
50
ICC2-2
Output OFF, Stop mode,
VCC = 24 V
¾
0
50
mA
ICC3-1
Output OFF, Brake mode
¾
4.5
8.0
Supply current
ICC3-2
1
Output OFF, Brake mode,
VCC = 24 V
¾
6.5
10.0
mA
1 (High)
VIN1
3.5
¾
5.5
Input
operating
voltage
2 (Low)
VIN2
Tj = 25°C
GND
¾
0.8
V
Input current
IIN
2
VIN = 3.5 V, Sink mode
¾
3
10
mA
Upper
side
VSAT U-1
Vref = VS, VOUT-VS measure
IO = 0.2 A, CW/CCW mode
¾
0.9
1.2
AP/AS (J)/
AF type
Lower
side
VSAT L-1
Vref = VS, VOUT-GND measure
IO = 0.2 A, CW/CCW mode
¾
0.8
1.2
Upper
side
VSAT U-2
Vref = VS, VOUT-VS measure
IO = 0.4 A, CW/CCW mode
¾
1.0
1.35
AS (J)/AF
type
Lower
side
VSAT L-2
Vref = VS, VOUT-GND measure
IO = 0.4 A, CW/CCW mode
¾
0.9
1.35
Upper
side
VSAT U-3
Vref = VS, VOUT-VS measure
IO = 1.0 A, CW/CCW mode
¾
1.3
1.8
Saturation
voltage
AP type
Lower
side
VSAT L-3
3
Vref = VS, VOUT-GND measure
IO = 1.0 A, CW / CCW mode
¾
1.2
1.85
V
VSAT U-1’
Vref : 10 V, VOUT-GND measure
IO = 0.2 A, CW / CCW mode
¾
11.2
¾
AS (J)/AF type
VSAT U-2’
Vref : 10 V, VOUT-GND measure
IO = 0.4 A, CW/CCW mode
10.4
10.9
12.2
VSAT U-3’
Vref : 10 V, VOUT-GND measure
IO = 0.5 A, CW/CCW mode
¾
11.0
¾
Output
voltage
(upper
side)
AP type
VSAT U-4’
3
Vref : 10 V, VOUT-GND measure
IO = 1.0 A, CW/CCW mode
10.2
10.7
12.0
V
Upper
side
IL U
VL = 30 V
¾
¾
50
Leakage current
Lower
side
IL L
4
VL = 30 V
¾
¾
50
mA
AS (J)/AF
type
Upper
side
VF U-1
¾
¾
1.5
¾
AP type
Lower
side
VF U-2
¾
¾
2.5
¾
AS (J)/AF
type
Upper
side
VF L-1
¾
¾
0.9
¾
Diode
forward
voltage
AP type
Lower
side
VF L-2
5
¾
¾
1.2
¾
V
Reference current
Iref
2
Vref = 10 V, Source mode
¾
¾
40
mA


Podobny numer części - TA7291AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA7291F TOSHIBA-TA7291F Datasheet
441Kb / 13P
   BRIDGE DRIVER
TA7291F TOSHIBA-TA7291F Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291F/FG TOSHIBA-TA7291F/FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291FG TOSHIBA-TA7291FG Datasheet
467Kb / 16P
   BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
   BRIDGE DRIVER
More results

Podobny opis - TA7291AP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB6549F TOSHIBA-TB6549F_07 Datasheet
307Kb / 22P
   Full-Bridge Driver IC for DC Motors
TB6549F TOSHIBA-TB6549F Datasheet
341Kb / 18P
   Full-Bridge Driver IC for DC Motors
TA8440H TOSHIBA-TA8440H Datasheet
261Kb / 9P
   Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
   Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TB6598FN TOSHIBA-TB6598FN Datasheet
255Kb / 17P
   Dual Full-Bridge Driver for Stepping Motors
TB6598FN TOSHIBA-TB6598FN_06 Datasheet
323Kb / 18P
   Dual Full-Bridge Driver for Stepping Motors
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
   Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TB6562ANG TOSHIBA-TB6562ANG Datasheet
254Kb / 16P
   Dual Full-Bridge Driver IC for Stepping Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com