Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC2015 Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części TC2015
Szczegółowy opis  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2015 Arkusz danych(HTML) 5 Page - Microchip Technology

  TC2015 Datasheet HTML 1Page - Microchip Technology TC2015 Datasheet HTML 2Page - Microchip Technology TC2015 Datasheet HTML 3Page - Microchip Technology TC2015 Datasheet HTML 4Page - Microchip Technology TC2015 Datasheet HTML 5Page - Microchip Technology TC2015 Datasheet HTML 6Page - Microchip Technology TC2015 Datasheet HTML 7Page - Microchip Technology TC2015 Datasheet HTML 8Page - Microchip Technology TC2015 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2003 Microchip Technology Inc.
DS21662C-page 5
TC2014/2015/2185
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
Supply Current vs. Junction
Temperature.
FIGURE 2-8:
Load Regulation vs. Supply
Voltage.
FIGURE 2-9:
Output Voltage vs. Junction
Temperature (0.1 mA).
FIGURE 2-10:
Output Voltage vs. Junction
Temperature (150 mA).
FIGURE 2-11:
Output Voltage vs. Supply
Voltage.
FIGURE 2-12:
Dropout Voltage vs.
Junction Temperature.
44.0
46.0
48.0
50.0
52.0
54.0
56.0
58.0
60.0
Temperature (°C)
VR = 2.7V
COUT = 3.3 µF
VIN = 2.8V
VIN = 6.0V
-0.5
-0.3
-0.1
0.1
0.3
0.5
3.7
4
4.3
4.6
4.9
5.2
5.5
5.8
Supply Voltage (V)
VR = 2.7V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
2.670
2.672
2.674
2.676
2.678
2.680
2.682
2.684
2.686
2.688
2.690
Junction Temperature (°C)
VIN = 6.0V
VIN = 3.7V
VR = 2.7V
COUT = 3.3 µF
IL = 0.1 mA
2.665
2.670
2.675
2.680
2.685
2.690
2.695
2.700
2.705
Junction Temperature (°C)
VR = 2.7V
COUT = 3.3 µF
IL = 150 mA
VIN = 3.7V
VIN = 6.0V
2.665
2.67
2.675
2.68
2.685
2.69
2.695
2.7
2.705
3.7
4
4.3
4.6
4.9
5.2
5.5
5.8
Supply Voltage (V)
VR = 2.7V
COUT = 3.3 µF
IL = 150 mA
TA = +25°C
TA = +125°C
TA = -45°C
0.000
0.040
0.080
0.120
0.160
Junction Temperature (°C)
VR = 2.7V
COUT = 3.3 µF
IL = 20 mA
IL = 50 mA
IL = 100 mA
IL = 150 mA


Podobny numer części - TC2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2015 MICROCHIP-TC2015 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2015 MICROCHIP-TC2015 Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015 MICROCHIP-TC2015 Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-1.8VCTTR MICROCHIP-TC2015-1.8VCTTR Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2015-1.8VCTTR MICROCHIP-TC2015-1.8VCTTR Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs
11/29/12
More results

Podobny opis - TC2015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com