Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX384B75-G Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części BZX384B75-G
Szczegółowy opis  Silicon planar Zener diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384B75-G Arkusz danych(HTML) 5 Page - Vishay Siliconix

  BZX384B75-G Datasheet HTML 1Page - Vishay Siliconix BZX384B75-G Datasheet HTML 2Page - Vishay Siliconix BZX384B75-G Datasheet HTML 3Page - Vishay Siliconix BZX384B75-G Datasheet HTML 4Page - Vishay Siliconix BZX384B75-G Datasheet HTML 5Page - Vishay Siliconix BZX384B75-G Datasheet HTML 6Page - Vishay Siliconix BZX384B75-G Datasheet HTML 7Page - Vishay Siliconix BZX384B75-G Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZX384-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 14-Oct-16
5
Document Number: 83335
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Dynamic Resistance vs. Zener Voltage
Fig. 8 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
Fig. 9 - Change of Zener Voltage vs. Junction Temperature
Fig. 10 - Change of Zener Voltage vs. Junction Temperature
Fig. 11 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
Fig. 12 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener voltage
18122
100
7
5
4
3
2
7
5
4
3
2
1
Ω
R
zj
10
T
j = 25 °C
I
Z = 5 mA
1
23
4
5
23
4
5
10
100 V
V
Z
18135
Δ
25
20
15
10
5
0
- 5
mV/°C
Δ
V
Z
T
j
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
V
27 V, I = 2 mA
5 mA
1 mA
20 mA
I
Z =
18124
V
Z at IZ = 5 mA
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
- 1
- 0.2
V
Z
V
T
j
020
40
60
80
100 120 140 C
Δ
18194
Δ
9
7
5
3
1
- 1
V
V
Z
8
6
4
2
0
0
100
60
T
j
20
40
120
80
140 °C
I
Z = 2 mA
51
43
36
V
Z at IZ = 2 mA
18195
Δ
100
80
60
40
20
0
mV/°C
Δ
V
Z
T
j
0
20
40
80
60
100 V
V
Z at IZ = 2 mA
I
Z = 5 mA
18196
Δ
1.6
1.2
0.8
0.4
0
- 0.4
V
V
Z
1.4
1
0.6
0.2
- 0.2
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
I
Z = 5 mA
V
Z
27 V; I
Z = 2 mA
V
Z = rzth x IZ
Δ


Podobny numer części - BZX384B75-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZX384B75-E3-08 VISHAY-BZX384B75-E3-08 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-E3-18 VISHAY-BZX384B75-E3-18 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-HE3-08 VISHAY-BZX384B75-HE3-08 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-HE3-18 VISHAY-BZX384B75-HE3-18 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
BZX384B75-V VISHAY-BZX384B75-V Datasheet
111Kb / 9P
   Small Signal Zener Diodes
Rev. 1.6, 17-May-06
More results

Podobny opis - BZX384B75-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com