Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7172DP Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SI7172DP
Szczegółowy opis  N-Channel 200 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7172DP Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button SI7172DP Datasheet HTML 2Page - Vishay Siliconix SI7172DP Datasheet HTML 3Page - Vishay Siliconix SI7172DP Datasheet HTML 4Page - Vishay Siliconix SI7172DP Datasheet HTML 5Page - Vishay Siliconix SI7172DP Datasheet HTML 6Page - Vishay Siliconix SI7172DP Datasheet HTML 7Page - Vishay Siliconix SI7172DP Datasheet HTML 8Page - Vishay Siliconix SI7172DP Datasheet HTML 9Page - Vishay Siliconix SI7172DP Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Si7172DP
www.vishay.com
Vishay Siliconix
S14-0996-Rev. B, 05-May-14
6
Document Number: 68763
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?68763.
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
Square Wave Pulse Duration (s)
1
0.1
0.01
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 65 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Single Pulse
0.02
0.05
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
10-3
10-2
1
10-1
10-4
0.05
0.02
Single Pulse
0.1


Podobny numer części - SI7172DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7172DP-T1-GE3 VISHAY-SI7172DP-T1-GE3 Datasheet
191Kb / 9P
   N-Channel 200-V (D-S) MOSFET
Rev. A, 04-Aug-08
SI7172DP VISHAY-SI7172DP_V01 Datasheet
366Kb / 13P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7172DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com