Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7190DP Arkusz danych(PDF) 10 Page - Vishay Siliconix

Numer części SI7190DP
Szczegółowy opis  N-Channel 250-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7190DP Arkusz danych(HTML) 10 Page - Vishay Siliconix

Back Button SI7190DP Datasheet HTML 5Page - Vishay Siliconix SI7190DP Datasheet HTML 6Page - Vishay Siliconix SI7190DP Datasheet HTML 7Page - Vishay Siliconix SI7190DP Datasheet HTML 8Page - Vishay Siliconix SI7190DP Datasheet HTML 9Page - Vishay Siliconix SI7190DP Datasheet HTML 10Page - Vishay Siliconix SI7190DP Datasheet HTML 11Page - Vishay Siliconix SI7190DP Datasheet HTML 12Page - Vishay Siliconix SI7190DP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PowerPAK® SO-8 Mounting and Thermal Considerations
Application Note AN821
www.vishay.com
Vishay Siliconix
Revision: 16-Mai-13
3
Document Number: 71622
For technical questions, contact: powermosfettechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL PERFORMANCE
Introduction
A basic measure of a device’s thermal performance
is the junction-to-case thermal resistance, RthJC, or the
junction-to-foot thermal resistance, RthJF This parameter is
measured for the device mounted to an infinite heat sink and
is therefore a characterization of the device only, in other
words, independent of the properties of the object to which
the device is mounted. Table 1 shows a comparison of
the DPAK, PowerPAK SO-8, and standard SO-8. The
PowerPAK has thermal performance equivalent to the
DPAK, while having an order of magnitude better thermal
performance over the SO-8.
Thermal Performance on Standard SO-8 Pad Pattern
Because of the common footprint, a PowerPAK SO-8
can be mounted on an existing standard SO-8 pad pattern.
The question then arises as to the thermal performance
of the PowerPAK device under these conditions. A
characterization was made comparing a standard SO-8 and
a PowerPAK device on a board with a trough cut out
underneath the PowerPAK drain pad. This configuration
restricted the heat flow to the SO-8 land pads. The results
are shown in figure 5.
Fig. 5 PowerPAK SO-8 and Standard SO-0 Land Pad Thermal
Path
Because of the presence of the trough, this result suggests
a minimum performance improvement of 10 °C/W by using
a PowerPAK SO-8 in a standard SO-8 PC board mount.
The only concern when mounting a PowerPAK on a
standard SO-8 pad pattern is that there should be no traces
running between the body of the MOSFET. Where the
standard SO-8 body is spaced away from the pc board,
allowing traces to run underneath, the PowerPAK sits
directly on the pc board.
Thermal Performance - Spreading Copper
Designers may add additional copper, spreading copper, to
the drain pad to aid in conducting heat from a device. It is
helpful to have some information about the thermal
performance for a given area of spreading copper.
Figure 6 shows the thermal resistance of a PowerPAK SO-8
device mounted on a 2-in. 2-in., four-layer FR-4 PC board.
The two internal layers and the backside layer are solid
copper. The internal layers were chosen as solid copper to
model the large power and ground planes common in many
applications. The top layer was cut back to a smaller area
and at each step junction-to-ambient thermal resistance
measurements were taken. The results indicate that an area
above 0.3 to 0.4 square inches of spreading copper gives no
additional
thermal
performance
improvement.
A
subsequent experiment was run where the copper on the
back-side was reduced, first to 50 % in stripes to mimic
circuit traces, and then totally removed. No significant effect
was observed.
Fig. 6 Spreading Copper Junction-to-Ambient Performance
TABLE 1 - DPAK AND POWERPAK SO-8
EQUIVALENT STEADY STATE
PERFORMANCE
DPAK
PowerPAK
SO-8
Standard
SO-8
Thermal
Resistance RthJC
1.2 °C/W
1 °C/W
16 °C/W
Si4874DY vs. Si7446DP PPAK on a 4-Layer Board
SO-8 Pattern, Trough Under Drain
Pulse Duration (sec)
0.0001
0
1
50
60
10
10000
0.01
40
20
Si4874DY
Si7446DP
100
30
Rth vs. Spreading Copper
(0 %, 50 %, 100 % Back Copper)
Spreading Copper (sq in)
0.00
56
51
46
41
36
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0 %
50 %
100 %


Podobny numer części - SI7190DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP VISHAY-SI7190DP_V01 Datasheet
313Kb / 13P
   N-Channel 250-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7190DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AMR400N ANALOGPOWER-AMR400N Datasheet
351Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI4434DY VISHAY-SI4434DY Datasheet
70Kb / 5P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 15-Dec-03
logo
Analog Power
AM14N25-280D ANALOGPOWER-AM14N25-280D Datasheet
347Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM30N25-270P ANALOGPOWER-AM30N25-270P Datasheet
337Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SIR692DP VISHAY-SIR692DP Datasheet
210Kb / 7P
   N-Channel 250 V (D-S) MOSFET
Rev. A, 19-Dec-16
logo
Analog Power
AM6N25-1100D ANALOGPOWER-AM6N25-1100D Datasheet
306Kb / 5P
   N-Channel 250-V (D-S) MOSFET
AM8N25-550D ANALOGPOWER-AM8N25-550D Datasheet
346Kb / 5P
   N-Channel 250-V (D-S) MOSFET
logo
Vishay Siliconix
SISS92DN VISHAY-SISS92DN Datasheet
227Kb / 8P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com