Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U6083B Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części U6083B
Szczegółowy opis  PWM Power Control IC with Interference Suppression
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6083B Arkusz danych(HTML) 1 Page - ATMEL Corporation

  U6083B Datasheet HTML 1Page - ATMEL Corporation U6083B Datasheet HTML 2Page - ATMEL Corporation U6083B Datasheet HTML 3Page - ATMEL Corporation U6083B Datasheet HTML 4Page - ATMEL Corporation U6083B Datasheet HTML 5Page - ATMEL Corporation U6083B Datasheet HTML 6Page - ATMEL Corporation U6083B Datasheet HTML 7Page - ATMEL Corporation U6083B Datasheet HTML 8Page - ATMEL Corporation U6083B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 4770A–AUTO–11/03
Features
Pulse-width Modulation up to 2 kHz Clock Frequency
Protection Against Short-circuit, Load Dump Overvoltage and Reverse V
S
Duty Cycle 18 to 100% Continuously
Internally Reduced Pulse Slope of Lamp's Voltage
Interference and Damage Protection According to VDE 0839 and ISO/TR 7637/1
Charge-pump Noise Suppression
Ground-wire Breakage Protection
Description
The U6083B is a PWM IC in bipolar technology for the control of an N-channel power
MOSFET used as a high-side switch. The IC is ideal for use in brightness control sys-
tems (dimming) of lamps, for example, in dashboard applications.
PWM Power
Control IC with
Interference
Suppression
U6083B


Podobny numer części - U6083B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
U6083B TEMIC-U6083B Datasheet
135Kb / 8P
   PWM Power Control with Interference Suppression
logo
ATMEL Corporation
U6083B ATMEL-U6083B Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B-MY ATMEL-U6083B-MY Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
U6083B ATMEL-U6083B_05 Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
More results

Podobny opis - U6083B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
U6083B ATMEL-U6083B_05 Datasheet
256Kb / 13P
   PWM Power Control IC with Interference Suppression
logo
IK Semicon Co., Ltd
IL6083 IKSEMICON-IL6083 Datasheet
267Kb / 10P
   PWM Power Control IC with Interference Suppression
IL6083 IKSEMICON-IL6083_16 Datasheet
271Kb / 10P
   PWM Power Control IC with Interference Suppression
logo
KODENSHI_AUK CORP.
KKA6083 KODENSHI-KKA6083 Datasheet
117Kb / 7P
   PWM Power Control with Interference Suppression
logo
TEMIC Semiconductors
U6083B TEMIC-U6083B Datasheet
135Kb / 8P
   PWM Power Control with Interference Suppression
logo
IK Semicon Co., Ltd
ILA6083 IKSEMICON-ILA6083 Datasheet
105Kb / 7P
   PWM Power Control with Interference Suppression
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com