Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1011X Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SI1011X
Szczegółowy opis  P-Channel 12 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1011X Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SI1011X Datasheet HTML 1Page - Vishay Siliconix SI1011X Datasheet HTML 2Page - Vishay Siliconix SI1011X Datasheet HTML 3Page - Vishay Siliconix SI1011X Datasheet HTML 4Page - Vishay Siliconix SI1011X Datasheet HTML 5Page - Vishay Siliconix SI1011X Datasheet HTML 6Page - Vishay Siliconix SI1011X Datasheet HTML 7Page - Vishay Siliconix SI1011X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number: 62660
S12-2732-Rev. B, 12-Nov-12
Vishay Siliconix
Si1011X
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
0
1
2
3
4
5
0
0.55
1.1
1.65
2.2
Q
g - Total Gate Charge (nC)
V
DS = 9.6 V
V
DS = 3 V
V
DS = 6 V
I
D = 0.5 A
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.35
0.45
0.55
0.65
0.75
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 μA
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.8
0.9
1.0
1.1
1.2
1.3
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 0.5 A
V
GS = 2.5 V
V
GS = 4.5 V
0.3
0.6
0.9
1.2
1.5
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 0.5 A
0
2
4
6
8
10
0.001
0.01
0.1
1
10
Time (s)


Podobny numer części - SI1011X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1011 SILABS-SI1011 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1011 ETC2-SI1011 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1011-A SILABS-SI1011-A Datasheet
986Kb / 2P
   Auto-frequency calibration
SI1011-A-GM SILABS-SI1011-A-GM Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Podobny opis - SI1011X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com