Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5442DU Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI5442DU
Szczegółowy opis  N-Channel 20 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5442DU Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI5442DU Datasheet HTML 1Page - Vishay Siliconix SI5442DU Datasheet HTML 2Page - Vishay Siliconix SI5442DU Datasheet HTML 3Page - Vishay Siliconix SI5442DU Datasheet HTML 4Page - Vishay Siliconix SI5442DU Datasheet HTML 5Page - Vishay Siliconix SI5442DU Datasheet HTML 6Page - Vishay Siliconix SI5442DU Datasheet HTML 7Page - Vishay Siliconix SI5442DU Datasheet HTML 8Page - Vishay Siliconix SI5442DU Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si5442DU
Document Number: 63233
S13-2149-Rev. B, 14-Oct-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
Thermally Enhanced PowerPAK®
ChipFET® Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.8 mm Profile
100% Rg Tested
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Load Switch, PA Switch, and for Portable Applications
Point-of-Load
DC/DC Converters
Power Management
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 90 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
20
0.0100 at VGS = 4.5 V
25
16.6 nC
0.0115 at VGS = 2.5 V
25
0.0135 at VGS = 1.8 V
25
Ordering Information:
Si5442DU-T1-GE3 (Lead (Pb)-free and Halogen-free)
Bottom View
PowerPAK ChipFET Single
D
D
D
G
1
2
8
7
6
5
D
D
D
S
3
4
S
1.9
mm
Marking Code
AQ
XXX
Lot Traceability
and Date Code
Part # Code
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
25a
A
TC = 70 °C
25a
TA = 25 °C
12.4b, c
TA = 70 °C
9.9b, c
Pulsed Drain Current (t = 300 µs)
IDM
60
Continuous Source-Drain Diode Current
TC = 25 °C
IS
25a
TA = 25 °C
2.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
31
W
TC = 70 °C
20
TA = 25 °C
3.1b, c
TA = 70 °C
2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
34
40
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
34


Podobny numer części - SI5442DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI5442DU VISHAY-SI5442DU_V01 Datasheet
174Kb / 9P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI5442DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com