Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7159DN Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7159DN
Szczegółowy opis  P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7159DN Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7159DN Datasheet HTML 1Page - Vishay Siliconix SI7159DN Datasheet HTML 2Page - Vishay Siliconix SI7159DN Datasheet HTML 3Page - Vishay Siliconix SI7159DN Datasheet HTML 4Page - Vishay Siliconix SI7159DN Datasheet HTML 5Page - Vishay Siliconix SI7159DN Datasheet HTML 6Page - Vishay Siliconix SI7159DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68872
S-82122-Rev. A, 08-Sep-08
Vishay Siliconix
Si7159DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 32
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
5.4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.0
- 2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 25 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≥ - 10 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 15 A
0.0058
0.007
Ω
VGS = - 4.5 V, ID = - 10 A
0.0085
0.0105
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 15 A
45
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
5170
pF
Output Capacitance
Coss
930
Reverse Transfer Capacitance
Crss
890
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 10 A
118
180
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 10 A
63
95
Gate-Source Charge
Qgs
14.3
Gate-Drain Charge
Qgd
29.8
Gate Resistance
Rg
f = 1 MHz
0.4
2.1
4.2
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 Ω
ID ≅ - 10 A, VGEN = - 10 V, Rg = 1 Ω
16
30
ns
Rise Time
tr
15
30
Turn-Off DelayTime
td(off)
72
140
Fall Time
tf
17
30
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 1.5 Ω
ID ≅ - 10 A, VGEN = - 4.5 V, Rg = 1 Ω
73
140
Rise Time
tr
132
200
Turn-Off DelayTime
td(off)
65
100
Fall Time
tf
40
70
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
- 30
A
Pulse Diode Forward Current
ISM
- 60
Body Diode Voltage
VSD
IS = - 3 A, VGS = 0 V
- 0.72
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 10 A, dI/dt = 100 A/µs, TJ = 25 °C
54
100
ns
Body Diode Reverse Recovery Charge
Qrr
50
100
nC
Reverse Recovery Fall Time
ta
24
ns
Reverse Recovery Rise Time
tb
30


Podobny numer części - SI7159DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7153DN VISHAY-SI7153DN Datasheet
590Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7155DP VISHAY-SI7155DP Datasheet
399Kb / 13P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7155DP-T1-GE3 VISHAY-SI7155DP-T1-GE3 Datasheet
399Kb / 13P
   P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7157DP VISHAY-SI7157DP Datasheet
325Kb / 14P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 29-Jul-13
More results

Podobny opis - SI7159DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com