Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT-HT-179-2030-13 Arkusz danych(PDF) 2 Page - Samtec, Inc

Numer części CAT-HT-179-2030-13
Szczegółowy opis  Straight Action Hand Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMTEC [Samtec, Inc]
Strona internetowa  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CAT-HT-179-2030-13 Arkusz danych(HTML) 2 Page - Samtec, Inc

  CAT-HT-179-2030-13 Datasheet HTML 1Page - Samtec, Inc CAT-HT-179-2030-13 Datasheet HTML 2Page - Samtec, Inc CAT-HT-179-2030-13 Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Straight Action Hand Tool CAT-HT-179-2030-13
STS-M-179-2030-13
Contact
Number
Wire Size
mm2 [AWG]
Insulation
Diameter
Strip
Length
Crimp
Height
CC79
0.05 [30]
0.74 [.029] - 0.89 [.035]
See Application
Tooling
Section of
Samtec
Website
See Application
Tooling
Section of
Samtec
Website
0.08 [28]
0.81 [.032] - 0.97 [.038]
0.12 [26]
1.22 [.048] - 1.37 [.054]
0.20 [24]
1.35 [.053] - 1.50 [.059]
0.35 [22]
1.50 [.059] - 1.65 [.065]
0.50 [20]
1.68 [.066] - 1.83 [.072]
Figure 3
7. Crimp the terminal by squeezing the tool handles until
the ratchet mechanism cycle has been completed. Release
the handles to open the jaws.
8. Remove the crimped terminal from the terminal
locator by pulling on the wire.
9. Visually inspect the crimped terminal for proper
crimp location.
Damaged contacts should not be used. If a damaged contact
is evident, it should be cut from the wire and replaced with a
new one.
4. MAINTENANCE AND INSPECTION PROCEDURE
It is recommended that a maintenance and inspection pro-
gram be performed periodically to ensure dependable and
uniform terminations. Frequency of inspection depends on:
• The care, amount of use, and handling of the hand tool,
• The presence of abnormal amounts of dust and dirt,
• Your own established standards.
The hand tool is inspected before being shipped; however,
it is recommended that the tool be inspected immediately
upon its arrival at your facility to ensure that the tool has not
been damaged during shipment.
4.1 DAILY MAINTENANCE
1. Remove dust, moisture, and other contaminants with a
clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the
tool.
3. Make certain all pins; pivot points and bearing surfaces
are protected with a thin coat of high quality machine oil.
Do not oil excessively. The tool was engineered for dura-
bility but like any other equipment it needs cleaning and
lubrication for a maximum service life of trouble free crimp-
ing. Light oil (such as 30 weight automotive oil) used at the
oil points, every 1,000 crimps or 3 months, will significantly
enhance the tool life. See Figure 4.
4. Wipe excess oil from hand tool, particularly from crimp-
ing area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics
of an application.
5. When tool is not in use, keep the handles closed to pre-
vent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Figure 4
CUSTOMER SERVICE +1-800-726-8329 (+1-812-944-6733)
2 of 3


Podobny numer części - CAT-HT-179-2030-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samtec, Inc
CAT-HT-179-2030-13 SAMTEC-CAT-HT-179-2030-13 Datasheet
997Kb / 3P
   Straight Action Hand Tool
More results

Podobny opis - CAT-HT-179-2030-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samtec, Inc
STS-M-246-1416-14 SAMTEC-STS-M-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-393-2430-13 SAMTEC-STS-M-393-2430-13 Datasheet
819Kb / 3P
   Straight Action Hand Tool
CAT-HT-169-1620-11 SAMTEC-CAT-HT-169-1620-11 Datasheet
394Kb / 4P
   Straight Action Hand Tool
CAT-HT-310-1012-14 SAMTEC-CAT-HT-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
STS-M-169-2024-13 SAMTEC-STS-M-169-2024-13 Datasheet
994Kb / 3P
   Straight Action Hand Tool
STS-M-179-2030-13 SAMTEC-STS-M-179-2030-13 Datasheet
997Kb / 3P
   Straight Action Hand Tool
STS-M-383-2426-13 SAMTEC-STS-M-383-2426-13 Datasheet
725Kb / 3P
   Straight Action Hand Tool
STS-M-310-1012-14 SAMTEC-STS-M-310-1012-14 Datasheet
1,022Kb / 3P
   Straight Action Hand Tool
CAT-HT-246-1416-14 SAMTEC-CAT-HT-246-1416-14 Datasheet
765Kb / 3P
   Straight Action Hand Tool
STS-M-174-2030-13 SAMTEC-STS-M-174-2030-13 Datasheet
995Kb / 3P
   Straight Action Hand Tool
STS-M-281-2430-13 SAMTEC-STS-M-281-2430-13 Datasheet
886Kb / 3P
   Straight Action Hand Tool
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com