Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744758339A Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744758339A
Szczegółowy opis  WE-RFH Ferrite SMD Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744758339A Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744758339A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744758339A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744758339A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744758339A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744758339A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.1
2.0
1.0
REV
2014-09-15
2014-04-14
2007-11-28
DATE
SSt
SSt
SKle
BY
HBH
HBH
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-RFH Ferrite SMD Inductor
Order.- No.
744758339A
SIZE
A4
Size: 1008A
A Dimensions: [mm]
Reference on drawing
Marking
Description
3R9 (Inductance Code)
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
7.96 MHz
7.96 MHz
@ 20°C
∆T = 15 K
L
Q
RDC
IR
fres
Value
3.9
20
1.50
420
105
Unit
µH
Ω
mA
MHz
Tol.
5%
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 85°C
under worst case operating conditions.
•Ambient temperature: -40°C to +70°C (refering to IR)
•Operating temperature: -40°C to +85°C
•Storage temperature (on tape & reel): -10°C to +40°C; 20 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744758339A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744758333A WURTH-744758333A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
More results

Podobny opis - 744758339A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744758312A WURTH-744758312A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758368A WURTH-744758368A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
2.1 2014-09-15
logo
List of Unclassifed Man...
744758315A ETC2-744758315A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
logo
Wurth Elektronik GmbH &...
744758315A WURTH-744758315A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758382A WURTH-744758382A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758322A WURTH-744758322A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758410A WURTH-744758410A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
2.1 2014-09-15
744758333A WURTH-744758333A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758347A WURTH-744758347A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
744758327A WURTH-744758327A Datasheet
865Kb / 5P
   WE-RFH Ferrite SMD Inductor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com