Zakładka z wyszukiwarką danych komponentów |
|
74HCT00N Arkusz danych(PDF) 8 Page - NXP Semiconductors |
|
74HCT00N Arkusz danych(HTML) 8 Page - NXP Semiconductors |
8 / 17 page 2003 Jun 30 8 Philips Semiconductors Product specification Quad 2-input NAND gate 74HC00; 74HCT00 Type 74HCT00 At recommended operating conditions; voltages are referenced to GND (ground=0V). Note 1. All typical values are measured at Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) Tamb = −40 to +85 °C; note 1 VIH HIGH-level input voltage 4.5 to 5.5 2.0 1.6 − V VIL LOW-level input voltage 4.5 to 5.5 − 1.2 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 4.5 − V IO = −4.0 mA 4.5 3.84 4.32 − V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 − 0 0.1 V IO = 4.0 mA 4.5 − 0.15 0.33 V ILI input leakage current VI =VCC or GND 5.5 −−±1.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND; IO =0 5.5 −−±5.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 20 µA ∆I CC additional supply current per input VI =VCC − 2.1 V; IO =0 4.5 to 5.5 − 150 675 µA Tamb = −40 to +125 °C VIH HIGH-level input voltage 4.5 to 5.5 2.0 −− V VIL LOW-level input voltage 4.5 to 5.5 −− 0.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 −− V IO = −4.0 mA 4.5 3.7 −− V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 −− 0.1 V IO = 4.0 mA 4.5 −− 0.4 V ILI input leakage current VI =VCC or GND 5.5 −−±1.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND; IO =0 5.5 −−±10 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 40 µA ∆ICC additional supply current per input VI =VCC − 2.1 V; IO =0 4.5 to 5.5 −− 735 µA |
Podobny numer części - 74HCT00N |
|
Podobny opis - 74HCT00N |