Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT00PW Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74HCT00PW
Szczegółowy opis  Quad 2-input NAND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT00PW Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT00PW Datasheet HTML 5Page - NXP Semiconductors 74HCT00PW Datasheet HTML 6Page - NXP Semiconductors 74HCT00PW Datasheet HTML 7Page - NXP Semiconductors 74HCT00PW Datasheet HTML 8Page - NXP Semiconductors 74HCT00PW Datasheet HTML 9Page - NXP Semiconductors 74HCT00PW Datasheet HTML 10Page - NXP Semiconductors 74HCT00PW Datasheet HTML 11Page - NXP Semiconductors 74HCT00PW Datasheet HTML 12Page - NXP Semiconductors 74HCT00PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Jun 30
9
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC00; 74HCT00
AC CHARACTERISTICS
Type 74HC00
GND = 0 V; tr =tf = 6 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
Type 74HCT00
GND = 0 V; tr =tf = 6 ns; CL =50pF
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay nA, nB to nY
see Fig.6
2.0
25
115
ns
see Fig.6
4.5
923
ns
see Fig.6
6.0
720
ns
tTHL/tTLH
output transition time
2.0
19
95
ns
4.5
719
ns
6.0
616
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA, nB to nY
see Fig.6
2.0
−−
135
ns
see Fig.6
4.5
−−
27
ns
see Fig.6
6.0
−−
23
ns
tTHL/tTLH
output transition time
2.0
−−
110
ns
4.5
−−
22
ns
6.0
−−
19
ns
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay nA, nB to nY
see Fig.6
4.5
12
24
ns
tTHL/tTLH
output transition time
4.5
−−
29
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nA, nB to nY
see Fig.6
4.5
−−
29
ns
tTHL/tTLH
output transition time
4.5
−−
22
ns


Podobny numer części - 74HCT00PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT00PW NXP-74HCT00PW Datasheet
173Kb / 15P
   Quad 2-input NAND gate
Rev. 04-11 January 2010
74HCT00PW NXP-74HCT00PW Datasheet
130Kb / 16P
   Quad 2-input NAND gate
Rev. 6-14 December 2011
74HCT00PW PHILIPS-74HCT00PW Datasheet
28Kb / 5P
   Quad 2-input NAND gate
2003 Jun 30
logo
Nexperia B.V. All right...
74HCT00PW NEXPERIA-74HCT00PW Datasheet
239Kb / 12P
   Quad 2-input NAND gate
Rev. 9 - 22 October 2021
74HCT00PW-Q100 NEXPERIA-74HCT00PW-Q100 Datasheet
240Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 22 October 2021
More results

Podobny opis - 74HCT00PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com