Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC4052BQ Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HC4052BQ
Szczegółowy opis  Dual 4-channel analog multiplexer, demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052BQ Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HC4052BQ Datasheet HTML 6Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 7Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 8Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 9Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 10Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 11Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 12Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 13Page - NXP Semiconductors 74HC4052BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
2004 Nov 11
10
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
Family 74HCT4052
Vis is the input voltage at pins nYn or nZ, whichever is assigned as an input; Vos is the output voltage at pins nZ or nYn,
whichever is assigned as an output; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
VEE (V)
Tamb = −40 °C to +85 °C; note 1
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
1.6
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
1.2
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
0
−−±1.0
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.9
per channel
10.0
0
−−±1.0
µA
all channels
10.0
0
−−±2.0
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.10
10.0
0
−−±2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis =VEE or VCC;
Vos =VCC or VEE
5.5
0
−−
80.0
µA
5.0
−5.0
−−
160.0
µA
∆ICC
additional quiescent
supply current per
input
VI =VCC − 2.1 V; other inputs
at VCC or GND
4.5 to 5.5 0
45
202.5
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input
voltage
4.5 to 5.5
−−
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
0
−−±1.0
µA
IS(OFF)
analog switch
OFF-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.9
per channel
10.0
0
−−±1.0
µA
all channels
10.0
0
−−±2.0
µA
IS(ON)
analog switch
ON-state current
VI =VIH or VIL;
VS =VCC − VEE; see Fig.10
10.0
0
−−±2.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
Vis =VEE or VCC;
Vos =VCC or VEE
5.5
0
−−
160.0
µA
5.0
−5.0
−−
320.0
µA
∆ICC
additional quiescent
supply current per
input
VI =VCC − 2.1 V; other inputs
at VCC or GND
4.5 to 5.5 0
−−
220.5
µA


Podobny numer części - 74HC4052BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4052BQ NXP-74HC4052BQ Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
74HC4052BQ NXP-74HC4052BQ Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Nexperia B.V. All right...
74HC4052BQ NEXPERIA-74HC4052BQ Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052BQ-Q100 NEXPERIA-74HC4052BQ-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052BQ-Q100 NEXPERIA-74HC4052BQ-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Podobny opis - 74HC4052BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com