Zakładka z wyszukiwarką danych komponentów |
|
74HCT00 Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74HCT00 Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 17 page 2003 Jun 30 7 Philips Semiconductors Product specification Quad 2-input NAND gate 74HC00; 74HCT00 Note 1. All typical values are measured at Tamb =25 °C. Tamb = −40 to +125 °C VIH HIGH-level input voltage 2.0 1.5 −− V 4.5 3.15 −− V 6.0 4.2 −− V VIL LOW-level input voltage 2.0 −− 0.5 V 4.5 −− 1.35 V 6.0 −− 1.8 V VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 2.0 1.9 −− V IO = −20 µA 4.5 4.4 −− V IO = −20 µA 6.0 5.9 −− V IO = −4.0 mA 4.5 3.7 −− V IO = −5.2 mA 6.0 5.2 −− V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 2.0 −− 0.1 V IO =20 µA 4.5 −− 0.1 V IO =20 µA 6.0 −− 0.1 V IO = 4.0 mA 4.5 −− 0.4 V IO = 5.2 mA 6.0 −− 0.4 V ILI input leakage current VI =VCC or GND 6.0 −−±1.0 µA IOZ 3-state output OFF current VI =VIH or VIL; VO =VCC or GND 6.0 −−±10.0 µA ICC quiescent supply current VI =VCC or GND; IO = 0 6.0 −− 40 µA SYMBOL PARAMETER TEST CONDITIONS MIN. TYP. MAX. UNIT OTHER VCC (V) |
Podobny numer części - 74HCT00 |
|
Podobny opis - 74HCT00 |