Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST-5 Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części ST-5
Szczegółowy opis  Surface Mount Cermet Trimmers (14 turns)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST-5 Arkusz danych(HTML) 5 Page - Vishay Siliconix

  ST-5 Datasheet HTML 1Page - Vishay Siliconix ST-5 Datasheet HTML 2Page - Vishay Siliconix ST-5 Datasheet HTML 3Page - Vishay Siliconix ST-5 Datasheet HTML 4Page - Vishay Siliconix ST-5 Datasheet HTML 5Page - Vishay Siliconix ST-5 Datasheet HTML 6Page - Vishay Siliconix ST-5 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 58011
For technical questions contact: copalsupport@vishay.com
www.vishay.com
Revision: 06-Mar-06
5
ST-5
Vishay
Surface Mount Cermet Trimmers (14 turns)
The products indicated by * mark are manufactured upon
receipt oforer basis
CFC’s, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
The products indicated by * mark are manufactured upon receipt of order basis.
* The above part numbers are all available with the respective combination of <Nominal resitance values> (Fig.1)
* Verify the above part numbers when placing orders.
* Taping specification is not sold seperately and must be purchased in reel units.
MAXIMUM INPUT RATINGS
Nominal
resistance
values (
Ω)
Resistance
code
Maximum
input voltage
(V)
Maximum
wiper current
(mA)
10*
100
1.00
100
20*
200
2.00
100
50
500
3.53
70.7
100
101
5.00
50.0
200
201
7.07
35.4
500
501
11.2
22.4
1 k
102
15.8
15.8
2 k
202
22.4
11.2
5 k
502
35.4
7.07
10 k
103
50.0
5.00
20 k
203
70.7
3.54
50 k
503
112
2.24
100 k
104
158
1.58
200 k
204
200
1.00
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
CONSTRUCTION
Part Name
Material
Flammability
1
Housing
Polyphenylenesulphide
UL-94V-O
2
Shaft
Brass, Nickel-plated
-
-
-
-
-
-
3
Terminal pin
Sn-Pb
Copper,
Solder-plated
Sn
Copper, Tin-plated
4
Base element
Ceramic
5
Electrode
Ag-Pd cermet
6
Resistive element
RuO2 cermet
7
Wiper
Multi metal alloy
8
Adhesive
Epoxy
9
Rubber cushion
Silicone rubber
10 Rotor gear
PA (Polyamide)
UL-94HB
LIST OF PART NUMBERS
Form of packing
Taping (reel)
Magazine (stick)
Vinyl bag
Adjustment
position
Shape of terminal
Sn-Pb
Sn (Lead
(Pb)-free)
Sn-Pb
Sn (Lead
(Pb)-free)
Sn-Pb
Sn (Lead
(Pb)-free)
Top adjustment
W (Gull-wing)
ST-5TW
ST-5ETW
ST-5MW
ST-5EMW
ST-5W
ST-5EW
Side adjustment
X (Gull-wing)
ST-5TX
ST-5ETX
ST-5MX
ST-5EMX
ST-5X
ST-5EX
P (Gull-wing)
ST-5TP
ST-5ETP
ST-5MP
ST-5EMP
ST-5P
ST-5EP
R (Gull-wing)
ST-5TR
ST-5ETR
ST-5MR
ST-5EMR
ST-5R
ST-5ER
Pieces in package
500 pcs./reel
50 pcs./reel
50 pcs./reel
FIG. 1: NOMINAL RESISTANCE VALUES
10
Ω∗
20
Ω∗
50
Ω
100
Ω
200
Ω
500
Ω
1 k
Ω
2 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
-
1
2
3
4
5
6
7
9
10
8


Podobny numer części - ST-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Systemsensor advanced i...
ST-5 SYSTEMSENSOR-ST-5 Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
ST-5 SYSTEMSENSOR-ST-5 Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
ST-5 SYSTEMSENSOR-ST-5 Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ST-5 SYSTEMSENSOR-ST-5 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
More results

Podobny opis - ST-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
ST-5 COPAL-ST-5 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST5ETP103 COPAL-ST5ETP103 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
ST5ETW104 COPAL-ST5ETW104 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
RJ-5 COPAL-RJ-5 Datasheet
92Kb / 4P
   14 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
SM-4 VISHAY-SM-4 Datasheet
339Kb / 7P
   Surface Mount Cermet Trimmers (12 Turns)
Revision: 06-Mar-06
logo
Copal Electronics
CT20EP103 COPAL-CT20EP103 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
CT-94 COPAL-CT-94 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
CT94EW103 COPAL-CT94EW103 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
RJ-9 COPAL-RJ-9 Datasheet
277Kb / 4P
   18 TURNS CERMET TRIMMERS
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com