Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA178M18FP Arkusz danych(PDF) 9 Page - Rohm

Numer części BA178M18FP
Szczegółowy opis  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA178M18FP Arkusz danych(HTML) 9 Page - Rohm

Back Button BA178M18FP Datasheet HTML 3Page - Rohm BA178M18FP Datasheet HTML 4Page - Rohm BA178M18FP Datasheet HTML 5Page - Rohm BA178M18FP Datasheet HTML 6Page - Rohm BA178M18FP Datasheet HTML 7Page - Rohm BA178M18FP Datasheet HTML 8Page - Rohm BA178M18FP Datasheet HTML 9Page - Rohm BA178M18FP Datasheet HTML 10Page - Rohm BA178M18FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
"
"
"
"
Measurement circuits
V
OUTPUT
INPUT
COMMON
0.1
µF
0.33
µF
100
µF
VIN
V
IO
eOUT
10
Ω5W
eIN=1Vrms
f=120Hz
Ripple rejection ratioR.R.=20 log
eIN
eOUT
()
Fig. 2
Measurement circuit for ripple rejection ratio
Fig. 3 Measurement circuit for output noise voltage
OUTPUT
INPUT
COMMON
0.1
0.33
µF
IO
VIN
Noise
meter
BPF
10Hz
~
100kHz
10
µF
+
µF
Fig. 4
Measurement circuit for Minimum
I/O voltage differential
V
OUTPUT
INPUT
COMMON
0.1
µF
0.33
µF
IO
VIN
V
500mA
∆V=
100mV
Fig. 5
Measurement circuit for bias current
and bias current change
IO
V
0.1
µF
0.33
µF
VIN
A
OUTPUT
INPUT
COMMON
Fig. 6
Measurement circuit for
Fig. 10output short-circuit current
A
OUTPUT
INPUT
COMMON
0.1
µF
0.33
µF
IO
VIN
V
OUTPUT
INPUT
COMMON
0.1
µF
IO
VIN
Fig. 1
Measurement circuit for output voltage,
input stability, load regulation,
temperature coefficient of output voltage
"
"
"
"
Electrical characteristic curves
OUTPUT CURRENT : IOUT (A)
VIN=10V
BA178M05T
10
8
6
4
2
0
0.2
0.4
0.6
0.8
1.0
Fig. 7 Current limit characteristics
JUNCTION TEMPERATURE : Tj (
°C)
6
5
4
3
2
1
0
25
50
75
100
125
150
175
200
BA178M05T
VIN=10V, IOUT=0
Fig. 8 Thermal cutoff circuit
characteristics
25
20
15
10
5
0
25
50
75
100
125
150
(3) 6.5
(4) 2.0
AMBIENT TEMPERATURE : Ta (
°C)
(1) 22.0
(2) 11.0
Fig.9 Thermal derating characteristic
(TO220FP)
(1) Infinite heat sink,
θj−c = 5.7 (
°C / W)
(2) 100
×100×2 (mm3), with Al heat sink
(3) 50
×50×2 (mm3), with Al heat sink
(4) No heat sink
θj−a = 62.5 (
°C / W)


Podobny numer części - BA178M18FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA178M18FP ROHM-BA178M18FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M18FP ROHM-BA178M18FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Podobny opis - BA178M18FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com