Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J1012F21RNL Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części J1012F21RNL
Szczegółowy opis  1x1 Tab-UP RJ45
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1012F21RNL Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  J1012F21RNL Datasheet HTML 1Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 2Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 3Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 4Page - Pulse A Technitrol Company J1012F21RNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J402.G (10/12)
2
pulseelectronics.com
PulseJack™
1x1 Tab-UP RJ45
RJ45 Durability Test Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
JP/J1 Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
20 Ibs./9.072 kgs.
RJ45 Material Specification
Part
Number
Shield
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
JP/J1 Series
Brass
10-20µ inches thick nickel
over 10-20µ inches Brass
Phosphor
Bronze
Nickel underplating and
selective gold plating 15µ inches
Tin matte finish
Thermoplastic
UL 94 V-0
1
Housing
Notes:
1. Connector dimensions comply with FCC dimension requirements. 2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5
2
J1 Series Mechanicals
.550MAX
MAX
13,97
12 11
10 9
7 5 3
8 6 4 2
PIN #1
4X
.003
0,08
.040
1,02
.060
1,52
.290
7,37
8X
.003
0,08
.035
0,89
.100
2,54
.150
3,81
.200
5,08
.250
6,35
.300
7,62
.350
8,89
.400
10,16
.485
12,32
.000
0,00
.135
3,43
2X
.003
0,08
.064
1,63
.250
6,35
.130
3,30
.000
0,00
.100
2,54
.675
17,15
.050
1,27
.050
1,27
2X
.125
3,18
.129
3,28
.040
1,02
.390
9,91
FRONT
BACK
4X R .010
0,25 MAX
(TOP OF PCB
TO BOTTOM
OF OPENING)
.010
0,25
.560
14,22
.670
17,02
.290
7,37
Patent Pending
Date Code
Country of Origin
J10XXXXXX
TM
BACK VIEW
RECOMMENDED
PANEL CUTOUT
SUGGESTED PCB LAYOUT
(Component Side)
SIDE VIEW
FRONT VIEW
FACE VIEW
Dimensions: Inches
Unless otherwise specified, all tolerances are ± .010
mm
0,25
EMI Fingers
EMI Fingers
PulseJack
.640
16,26
.150
3,81
LEFT LED
SHIELD PIN
RIGHT LED


Podobny numer części - J1012F21RNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J1012F21RNL PULSE-J1012F21RNL Datasheet
200Kb / 5P
   integrated magnetics connector
More results

Podobny opis - J1012F21RNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
logo
SUYIN USA, INC.
101111FHAA4M408ZA SUYIN-USA-101111FHAA4M408ZA Datasheet
203Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111F9094M406ZA SUYIN-USA-101111F9094M406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAH4M406ZA SUYIN-USA-101111FHAH4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAA4M406ZA SUYIN-USA-101111FHAA4M406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
logo
VITALCONN ELECTRONICS H...
J11RT1146D601 VITALCONN-J11RT1146D601 Datasheet
443Kb / 3P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR
REV: A
logo
SUYIN USA, INC.
101111FHAAAM406ZA SUYIN-USA-101111FHAAAM406ZA Datasheet
207Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
101111FHAABM406ZA SUYIN-USA-101111FHAABM406ZA Datasheet
206Kb / 9P
   RJ45 1X1 TAB UP W/LED & TRANSFORMER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com