Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB025N04Q8-0-T3-G Arkusz danych(PDF) 9 Page - Cystech Electonics Corp.

Numer części MTB025N04Q8-0-T3-G
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB025N04Q8-0-T3-G Arkusz danych(HTML) 9 Page - Cystech Electonics Corp.

  MTB025N04Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB025N04Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C884Q8
Issued Date : 2017.02.20
Revised Date :
Page No. : 9/9
MTB012N04Q8
CYStek Product Specification
SOP-8 Dimension
Millimeters
Inches
Millimeters
Inches
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Date Code
Device Name
B025
N04
Date Code(counting from left to right) :
1st code: year code, the last digit of Christian year
2nd code : month code, Jan→A, Feb→B, Mar→C, Apr→D
May→E, Jun→F, Jul→G, Aug→H, Sep→J,
Oct→K, Nov→L, Dec→M
3rd and 4th codes : prodcution serial number, 01~99
Marking:
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
E
3.800
4.000
0.150
0.157
A1
0.100
0.250
0.004
0.010
E1
5.800
6.200
0.228
0.244
A2
1.350
1.550
0.053
0.061
e
1.270 (BSC)
0.050 (BSC)
b
0.330
0.510
0.013
0.020
L
0.400
1.270
0.016
0.050
c
0.170
0.250
0.006
θ
0
0
0.010
D
4.700
5.100
0.185
0.200
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Podobny numer części - MTB025N04Q8-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB025C04H8 CYSTEKEC-MTB025C04H8 Datasheet
608Kb / 13P
   MTB025C04H8 CYStek Product Specification
MTB025P03KQ8 CYSTEKEC-MTB025P03KQ8 Datasheet
425Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB025P03KQ8-0-T3-G CYSTEKEC-MTB025P03KQ8-0-T3-G Datasheet
425Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB025N04Q8-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com