Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BALF-NRG-01D3 Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części BALF-NRG-01D3
Szczegółowy opis  Low amplitude imbalance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BALF-NRG-01D3 Arkusz danych(HTML) 2 Page - STMicroelectronics

  BALF-NRG-01D3 Datasheet HTML 1Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 2Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 3Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 4Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 5Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 6Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 7Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 8Page - STMicroelectronics BALF-NRG-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
BALF-NRG-01D3
2/13
DocID026543 Rev 4
1
Characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input Power RFIN
-
10
dBm
VESD
ESD ratings human body model (JESD22-A114-C), all I/O one at a
time while others connected to GND
2000
-
V
ESD ratings machine model (MM: C = 200 pF, R = 25
Ω , L = 500 nH)
200
-
TOP
Operating temperature
-40
-
+105
°C
Table 2. Impedances (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Zdiff
Nominal differential impedance
-
Match to BlueNRG
-
ZANT
Antenna impedance
-
50
-
Table 3. RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
f
Frequency range (bandwidth)
2400
2500
MHz
S11
Input return loss bandwidth
-20
dB
S21
Insertion loss
-1.1
dB
S21
Harmonic rejection (differential mode)
H2
-8
dB
H3
-38
H4
-31
H5
-23
Phase_imbal
Output phase imbalance
7
°
Ampl_imbal
Output amplitude imbalance
0.5
dB


Podobny numer części - BALF-NRG-01D3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
   50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
June 2017 Rev 1
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
3Mb / 5P
   SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
   50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
DS12630 - Rev 1 - July 2018
More results

Podobny opis - BALF-NRG-01D3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BAL-CC1101-01D3 STMICROELECTRONICS-BAL-CC1101-01D3 Datasheet
642Kb / 10P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com