Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX20437 Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części CX20437
Szczegółowy opis  SmartHSF Mobile Modem
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

CX20437 Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CX20437 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 12Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 13Page - List of Unclassifed Manufacturers CX20437 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
SmartHSF Mobile Modem Data Sheet
1-4
Conexant
100553B
1.2
FEATURES
1.2.1
General Modem Features
• V.90 data modem with receive rates up to 56k bps and send rates up to V.34 rates
ITU-T V.90, K56flex, V.34 (33.6 kbps), V.32 bis, V.32, V.22 bis, V.22, V.23, and V.21; Bell 212A and 103
V.42 LAPM and MNP 2-4 error correction
V.42 bis and MNP 5 data compression
V.250 and V.251 commands
• V.17 fax modem with send and receive rates up to 14.4 kbps
V.17, V.29, V.27 ter, and V.21 channel 2
EIA/TIA 578 Class 1 and T.31 Class 1.0 commands
• Telephony/TAM
V.253 commands
8-bit µ-Law/A-Law coding (G.711)
8-bit/16-bit linear coding
8 kHz sample rate
Concurrent DTMF, ring, and Caller ID detection
• V.80 synchronous access mode supports host-controlled communication protocols with H.324 interface support
• V.8/V.8bis and V.251 commands
• Cellular data hardware interface and software support (C models)
Protocol stacks for PDC high speed data, PDC packet data, PHS data, CDMA IS-95A/IS-95B data, and GSM data
API for customer-provided cellular data protocol stack
• Full-duplex Speakerphone (FDSP) Mode (S models)
Microphone and speaker interface
Telephone handset/headset interface
• Data/Fax/Voice call discrimination
• Host software/MMX-based digital signal processing
• Single configuration profile stored in host
• Operates in U.S./Japan/Canada
• Worldwide operation including U.S./Japan/Canada (W models)
Complies to TBR21 and other country requirements
Caller ID detection
• System compatibility
Windows 95/98, Windows NT 4.0, Windows 2000, and Windows Millennium (Windows Me) operating systems
Microsoft'/Intel PC 99 Windows Hardware Designer’s Guide-compliant
Advanced Configuration and Power Interface (ACPI)
Unimodem/V compliant
Pentium 166 MHz MMX-compatible PC or greater
16 Mbyte RAM or more
• Thin packages support low profile designs
CX11250 HSD: 100-pin TQFP (1.2 mm max. height)
CX20463 LSD: 32-pin TQFP (1.6 mm max. height)
CX20437 VC: 32-pin TQFP (1.6 mm max. height)
• +3.3V operation with +5V tolerant digital inputs


Podobny numer części - CX20437

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Beckhoff Automation Gmb...
CX2043 BECKHOFF-CX2043 Datasheet
178Kb / 4P
   Basic CPU module
CX2043-0100 BECKHOFF-CX2043-0100 Datasheet
178Kb / 4P
   Basic CPU module
CX2043-0160 BECKHOFF-CX2043-0160 Datasheet
178Kb / 4P
   Basic CPU module
CX2043-0161 BECKHOFF-CX2043-0161 Datasheet
178Kb / 4P
   Basic CPU module
CX2043-0162 BECKHOFF-CX2043-0162 Datasheet
178Kb / 4P
   Basic CPU module
More results

Podobny opis - CX20437

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSM74017 OKI-MSM74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
   SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
logo
List of Unclassifed Man...
RS56L-PCI ETC2-RS56L-PCI Datasheet
161Kb / 12P
   Host-Processed V.90/K56flex?? Modem Device Family for Mobile Applications
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com