Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J0G-0009NL Arkusz danych(PDF) 1 Page - Pulse A Technitrol Company

Numer części J0G-0009NL
Szczegółowy opis  Low Profile 1x1 Tab-Up
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0G-0009NL Arkusz danych(HTML) 1 Page - Pulse A Technitrol Company

  J0G-0009NL Datasheet HTML 1Page - Pulse A Technitrol Company J0G-0009NL Datasheet HTML 2Page - Pulse A Technitrol Company J0G-0009NL Datasheet HTML 3Page - Pulse A Technitrol Company J0G-0009NL Datasheet HTML 4Page - Pulse A Technitrol Company J0G-0009NL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
J423.C (12/11)
1
pulseelectronics.com
PulseJack™
Low Profile 1x1 Tab-Up
Compliant with IEEE 802.3 standard
350µH minimum OCL with 8mA bias current
High performance for maximum EMI suppression
Low height and small footprint to minimize board space
RoHS peak wave solder temperature rating 260°C
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Part
Number
Speed
Side
EMI Tabs
Insertion
Loss
TX/RX
(dB)
Hipot
(MIN)
1-100
MHz
1-10
MHz
30
MHz
60-80
MHz
80-100
MHz
1-10
MHz
32-65
MHz
65-100
MHz
1-125
MHz
@ 60Hz
1 MIN
J0G-0001NL 1000Base-T Horizontal
-1.2
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0003NL 1000Base-T
No Tabs
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0007NL 100Base-TX Horizontal
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
J0G-0009NL 1000Base-T
Vertical
-1.0
-18
-18
-12
-10
-40
-35
-30
-30
1500Vrms
Notes:
1. LEDs Left/Right: G = green; Y = yellow; Y-G = Bicolor.
2. J0G-0003NL is supplied without EMI tabs; refer to mechanical drawing (page 5) for explanation of EMI tabs.
Description:
100/1000Base-T RJ45 single port (1x1) Tab-UP integrated magnetics connector, designed to sup-
port applications such as Network Interface Cards (NIC), LAN-on-Motherboard (LOM), and PC
applications.
Features and Benefits:
Return Loss
(dB TYP)
100
Ω (±15Ω)
Common
Mode
Rejection
(dB TYP
)
Crosstalk
(dB TYP)
Electrical Specifications @ 25°C - Operating Temperature 0°C to +70°C
RJ45 Durability Test Rating
Part Number
Mating Force
(MAX)
Unmating Force
(MAX)
Durability
Plug to Jack
Retention (MIN)
J0G Series
5 Ibs./2.268 kgs.
5 Ibs./2.268 kgs.
750 Insertions
20 Ibs./9.072 kgs.
RJ45 Material Specification
Part
Number
Shield
Contact
MSL
Rating
Material
Finish
Material
Plating Area
Solder Area
Material
Specification
J0G Series
Brass
20-40µ inches thick nickel
over brass
Phosphor
Bronze
15µ inches gold over
30-80µ inches nickel
Tin matte
finish over nickel
Thermoplastic
UL 94 V-0
1
Housing
Notes:
1. Connector dimensions comply with FCC dimension requirements.
2. MSL - Moisture Sensitivity Level class limits = 1 to 5 (Highest: 1; Lowest: 5)
2


Podobny numer części - J0G-0009NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J0G-0009NL PULSE-J0G-0009NL Datasheet
476Kb / 5P
   Low Profile 1x1 Tab-Up
More results

Podobny opis - J0G-0009NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
J0G-0001NL PULSE-J0G-0001NL Datasheet
476Kb / 5P
   Low Profile 1x1 Tab-Up
logo
VITALCONN ELECTRONICS H...
J11EG1113DP01 VITALCONN-J11EG1113DP01 Datasheet
1Mb / 3P
   TAB-UP 1X1 1000BASE
J11JG61P3DP01 VITALCONN-J11JG61P3DP01 Datasheet
2Mb / 3P
   Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultar Low Profile)
REV:A
logo
Pulse A Technitrol Comp...
J402 PULSE-J402 Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
logo
VITALCONN ELECTRONICS H...
J11SG0113DLA0 VITALCONN-J11SG0113DLA0 Datasheet
945Kb / 3P
   TAB-UP 1X1 1000BASE
REV: A
logo
Pulse A Technitrol Comp...
J437 PULSE-J437 Datasheet
740Kb / 5P
   1X1 Tab-Up RJ45
logo
VITALCONN ELECTRONICS H...
J11GH4003NPA0 VITALCONN-J11GH4003NPA0 Datasheet
541Kb / 4P
   TAB-UP 1X1 100BASE
REV: A
J11JE7Q3NP01 VITALCONN-J11JE7Q3NP01 Datasheet
396Kb / 4P
   10 Gigabit Tab UP 1X1 RJ45 CONNECTOR (Ultra Low Profile)
REV: A
logo
Pulse A Technitrol Comp...
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
logo
HALO Electronics, Inc.
HFJT1-10G06C3RL HALO-HFJT1-10G06C3RL Datasheet
402Kb / 2P
   1x1 Tab-Up 10G Integrated RJ45
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com