Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74485542680 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74485542680
Szczegółowy opis  WE-CFWI Coupled Flatwire Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74485542680 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74485542680 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485542680 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485542680 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485542680 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485542680 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 1,5:1
18,5 ±0,3
21,0 max.
Glue
3,0 ref.
1
2
3
4
Recommended Land Pattern: [mm]
Scale - 1,5:1
5,0
11,0
3
4
1
2
no vias and traces in restricted area
Schematic:
2
1
3
4
1
2
Electrical Properties:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 1 mA
L1
6.8
µH
±20%
Inductance
100 kHz/ 1 mA
L2
6.8
µH
±20%
Rated Current 1)
ΔT = 50 K
IR 1
20
A
max.
Rated Current
ΔT = 50 K
IR 2
20
A
max.
Saturation Current 2)
|ΔL/L| < 30 %
ISAT 1
26
A
typ.
Saturation Current
|ΔL/L| < 30 %
ISAT 2
26
A
typ.
DC Resistance 1
@ 20°C
RDC
6.1
mΩ
±10%
DC Resistance 2
@ 20°C
RDC
6.1
mΩ
±10%
Turns Ratio
n
1:1
Rated Voltage
UR
80
V (DC)
max.
1)
related to L1, Current driven through one coil only at a time
2)
related to L1, Current driven through one coil only at a time
General Information:
It is recommeded that the temperature of the component does not exceed +150°C under worst
case conditions
Operating Temperature
TOP
-40 °C up to +150 °C
Storage Temperature (in
original packaging)
TS
-20 °C up to +40 °C
Ambient Temperature
(refering to IR)
TA
-40 °C up to +100 °C
Test conditions of Electrical Properties: 20°C, 33% RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
TBr
DIN ISO 2768-1m
DESCRIPTION
WE-CFWI Coupled Flatwire
Inductor
ORDER CODE
74485542680
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
1813
001.000
Valid
2016-04-01
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74485542680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74485542101 WURTH-74485542101 Datasheet
216Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542820 WURTH-74485542820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
More results

Podobny opis - 74485542680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74485540350 WURTH-74485540350 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540680 WURTH-74485540680 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540120 WURTH-74485540120 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540440 WURTH-74485540440 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540101 WURTH-74485540101 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540220 WURTH-74485540220 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540820 WURTH-74485540820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542820 WURTH-74485542820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540080 WURTH-74485540080 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485542101 WURTH-74485542101 Datasheet
216Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com