Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA507 Arkusz danych(PDF) 2 Page - Teledyne Technologies Incorporated

Numer części LA507
Szczegółowy opis  50 TO 500 MHz TO-8 LIMITING AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

LA507 Arkusz danych(HTML) 2 Page - Teledyne Technologies Incorporated

  LA507 Datasheet HTML 1Page - Teledyne Technologies Incorporated LA507 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
Typical Performance
Gain vs Temperature
LA507
K E Y : + 2 5
∞C
+ 8 5
∞C
- 5 5
∞C
6 0
5 0
4 0
3 0
2 0
Intercept Point Vcc = +15
F R E Q U E N C Y - M H z
2 n d H A R
I P 3
I P 2
5
10
30
50
100
200
300
400
500
600
Noise Figure
1 7
1 6
1 5
1 4
1 3
1 2
1 1
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
Output Limiting Level
Vcc=+15
5
10
30
50
100
200
300
400
500
600
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
F R E Q U E N C Y - M H z
Power Output vs Input Power Vcc = +15
F R E Q U E N C Y - M H z
1 3 . 5
1 2 . 5
1 1 . 5
+ 1 5 V
I N P U T P O W E R - d B m
- 1 5
- 1 0
- 5
0
5
1 0
9 . 0
8 . 0
7 . 0
6 . 0
5 . 0
4 . 0
3 . 0
2 . 0
1 . 0
0 . 0
- 1 . 0
Phase Shift vs. Input Power
K E Y : 1 0 0 M H z
3 0 0 M H z
5 0 0 M H z
+ 1 2 V
+ 1 5 V
6 . 0
5 . 0
4 . 0
+ 1 2 V
P i n = + 2 0 d B m
P i n = + 1 5 d B m
P i n = + 1 0 d B m
5
10
30
50
100
200
300
400
500
600
F R E Q U E N C Y - M H z
1 7
1 6
1 5
1 4
P i n = + 5 d B m
P i n = + 2 d B m
P i n = + 0 d B m
LA507
INPUT POWER - dBm
-20 -15
-10
-5
0
5
10
15
20
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
Distortion Products
2nd HAR
3rd HAR
Fundamental
KEY: 100 MHz
300 MHz
500 MHz
Cascaded Limiting
20
15
10
5
INPUT POWER - dBm
-80 -70
-60
-50 -40
-30
-20
-10
0
10
20
7 stages
5 stages
3 stages
1 stage
MODEL: LA507
Vcc = +15V
Icc = 52.81 mA
FREQ
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
20
2.11
1.45
12.3
-21.2
50
1.47
1.19
12.7
-20.4
100
1.36
1.15
12.7
0.882
-20.3
200
1.38
1.18
12.6
0.656
-20.3
300
1.43
1.21
12.6
0.602
-20.3
400
1.48
1.22
12.6
0.607
-20.2
500
1.47
1.22
12.7
0.603
-20.1
600
1.44
1.22
12.8
0.626
-19.9
LINEAR S-PARAMETERS
MODEL: LA507
Vcc = +15V
Icc = 52.81 mA
FREQ.
S11
S21
S12
S22
MHZ
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
20
0.36
-57.3
4.13
-158.2
0.088
17
0.18
112.5
50
0.19
-60.7
4.31
-179.6
0.096
3
0.09
77.3
100
0.15
-64.1
4.31
165.1
0.096
-4
0.07
58.7
200
0.16
-83.8
4.29
142.8
0.096
-13
0.08
40.5
300
0.18
-103.8
4.26
122.6
0.097
-21
0.09
21.5
400
0.19
-121.0
4.28
102.4
0.097
-30
0.10
-3.1
500
0.19
-134.2
4.29
81.7
0.099
-38
0.10
-34.5
600
0.18
-145.8
4.35
60.6
0.101
-46
0.10
-78.6
MODEL: LA507/LA507/LA507
Vcc = +15V
Icc = 157.28 mA
FREQ
VSWR
VSWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
20
1.70
1.64
38.7
-64.3
50
1.35
1.23
38.9
-62.4
100
1.27
1.16
38.8
2.918
-62.3
200
1.29
1.16
38.8
2.192
-59.8
300
1.45
1.23
38.5
2.045
-64.0
400
1.72
1.35
38.2
1.994
-60.9
500
1.91
1.44
38.1
1.939
-59.6
600
1.87
1.49
38.4
1.974
-60.5
TYPICAL AUTOMATIC TEST DATA


Podobny numer części - LA507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LEM
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
   Current Transducer LA 50-S/SP1
LA50-S LEM-LA50-S Datasheet
94Kb / 3P
   Current Transducer
LA50-S/SP1 LEM-LA50-S/SP1 Datasheet
128Kb / 2P
   Current Transducer LA 50-S/SP1
LA50-SP1 LEM-LA50-SP1 Datasheet
94Kb / 3P
   Current Transducer
LA50-S LEM-LA50-S_06 Datasheet
94Kb / 3P
   Current Transducer
More results

Podobny opis - LA507

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LA7 MACOM-LA7 Datasheet
480Kb / 3P
   Limiting Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
LA7 MA-COM-LA7 Datasheet
1Mb / 3P
   Limiting Amplifier 50 to 500 MHz
logo
Tyco Electronics
AL7 MACOM-AL7 Datasheet
422Kb / 2P
   Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
AL7 MA-COM-AL7 Datasheet
1Mb / 3P
   Cascadable Amplifier 50 to 500 MHz
logo
List of Unclassifed Man...
LA17 ETC1-LA17 Datasheet
220Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Teledyne Technologies I...
LA1017 TELEDYNE-LA1017 Datasheet
170Kb / 2P
   10 TO 1000 MHz TO-LA1017 8 LIMITING AMPLIFIER
logo
List of Unclassifed Man...
AC508 ETC-AC508 Datasheet
75Kb / 1P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC509 ETC1-AC509 Datasheet
107Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A513 MACOM-A513 Datasheet
98Kb / 1P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com