Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1865DDL Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI1865DDL
Szczegółowy opis  Load Switch with Level-Shift
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1865DDL Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI1865DDL Datasheet HTML 1Page - Vishay Siliconix SI1865DDL Datasheet HTML 2Page - Vishay Siliconix SI1865DDL Datasheet HTML 3Page - Vishay Siliconix SI1865DDL Datasheet HTML 4Page - Vishay Siliconix SI1865DDL Datasheet HTML 5Page - Vishay Siliconix SI1865DDL Datasheet HTML 6Page - Vishay Siliconix SI1865DDL Datasheet HTML 7Page - Vishay Siliconix SI1865DDL Datasheet HTML 8Page - Vishay Siliconix SI1865DDL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 62888
S13-2618-Rev. B, 23-Dec-13
Vishay Siliconix
Si1865DDL
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
FUNCTIONAL BLOCK DIAGRAM
Notes:
a. Surface mounted on FR4 board.
b. VIN = 12 V, VON/OFF = 8 V, TA = 25 °C.
c. Pulse test: pulse width
300 µs, duty cycle 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SC70-6
Ordering Information: Si1865DDL-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
VD
Lot Traceability
and Date Code
Part # Code
XXX
6
4
1
2
3
5
R2
D2
D2
R1, C1
ON/OFF
S2
D2
S2
ON/OFF
R2
1
4
6
5
Q1
Q2
Si1865DDL
R1, C1
2, 3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN(VDS2)
12
V
On/Off Voltage
VON/OFF
8
Load Current
Continuousa, b
IL
± 1.1
A
Pulsedb, c
± 5
Continuous Intrinsic Diode Conductiona
IS
- 0.3
Maximum Power Dissipationa
PD
0.357
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500
)
ESD
2
kV
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (continuous current)a
RthJA
290
350
°C/W
Maximum Junction-to-Foot (Q2)
RthJF
250
300
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
Reverse Leakage Current
IFL
VIN = 12 V, VON/OFF = 0 V
1µA
Diode Forward Voltage
VSD
IS = - 0.8 A
- 0.84
- 1.2
V
On Characteristics
Input Voltage Range
VIN
1.8
12
V
On-Resistance (P-Channel)
RDS(on)
VON/OFF = 1.5 V, VIN = 4.5 V, ID = 1.1 A
0.165
0.200
VON/OFF = 1.5 V, VIN = 2.5 V, ID = 0.9 A
0.250
0.300
VON/OFF = 1.5 V, VIN = 1.8 V, ID = 0.2 A
0.376
0.508
On-State (P-Channel) Drain-Current
ID(on)
VIN-OUT 0.2 V, VIN = 5 V, VON/OFF = 1.5 V
1
A
VIN-OUT 0.3 V, VIN = 3 V, VON/OFF = 1.5 V
1


Podobny numer części - SI1865DDL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI1865DDL VISHAY-SI1865DDL Datasheet
209Kb / 8P
   Load Switch with Level-Shift
01-Jan-2022
SI1865DDL-T1-GE3 VISHAY-SI1865DDL-T1-GE3 Datasheet
209Kb / 8P
   Load Switch with Level-Shift
01-Jan-2022
SI1865DDL VISHAY-SI1865DDL_V01 Datasheet
209Kb / 8P
   Load Switch with Level-Shift
01-Jan-2022
More results

Podobny opis - SI1865DDL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com