Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-CBL010V1 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STEVAL-CBL010V1
Szczegółowy opis  Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CBL010V1 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STEVAL-CBL010V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CBL010V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-CBL010V1
Single LNB supply and control IC DiSEqC 2.0 compliant based
on the LNBH25
Data brief
Features
Complete interface between LNB and I
2C
bus
Built-in DC-DC converter for single 12 V
supply operation and high efficiency (typ.
93% at 0.5 A)
Selectable output current limit using an
external resistor
Compliant with main satellite receiver output
voltage specifications (15 programmable
levels)
Accurate built-in 22 kHz tone generator suits
widely accepted standards
22 kHz tone waveform integrity guaranteed
also at no load
Low-drop post-regulator and high-efficiency
step-up PWM with integrated power N-MOS
allowing low power losses
LMP function (low-power mode) to reduce
dissipation
Overload and overtemperature internal
protection with I
2C diagnostic bits
LNB short-circuit dynamic protection
RoHS compliant
Description
This product evaluation board implements a DC-
DC converter based on the LNBH25 device used
to power LNBs inside dish antennas which
receive satellite TV signals. The LNBH25 is an
integrated solution for supplying/interfacing
satellite LNB modules in accordance with
international standards, offering a complete
solution for single tuner satellite receivers and
good performance at low cost using few external
components. The LNBH25 evaluation board
includes an I
2C bus interface and the internal
22 kHz tone generator (factory trimmed) is
controlled by the DSQIN pin (TTL compatible),
permitting immediate DiSEqC™ data encoding. A
fully integrated step-up DC-DC converter allows
operation with a single input voltage supply
source ranging from 8 V to 16 V.
April 2014
DocID025830 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Podobny numer części - STEVAL-CBL010V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
   DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL012V1 STMICROELECTRONICS-STEVAL-CBL012V1 Datasheet
190Kb / 4P
   LNB short-circuit dynamic protection
January 2014 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
   Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
January 2014 Rev 1
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
   Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
January 2014 Rev 1
STEVAL-CBL015V1 STMICROELECTRONICS-STEVAL-CBL015V1 Datasheet
233Kb / 4P
   Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)
January 2014 Rev 1
More results

Podobny opis - STEVAL-CBL010V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-CBL009V1 STMICROELECTRONICS-STEVAL-CBL009V1 Datasheet
151Kb / 4P
   DiSEqC 1.X-compliant single LNB supply and control IC based on the LNBH25
February 2013 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
   Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
January 2014 Rev 1
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
   Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
January 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
   DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL015V1 STMICROELECTRONICS-STEVAL-CBL015V1 Datasheet
233Kb / 4P
   Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)
January 2014 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
   LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
August 2010 Rev 1
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
   LNB power supply based on the LNBH23L supply and control IC with step-up and I짼C interface
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com