Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1508 Arkusz danych(PDF) 4 Page - Gennum Corporation

Numer części GS1508
Szczegółowy opis  HDTV Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508 Arkusz danych(HTML) 4 Page - Gennum Corporation

  GS1508 Datasheet HTML 1Page - Gennum Corporation GS1508 Datasheet HTML 2Page - Gennum Corporation GS1508 Datasheet HTML 3Page - Gennum Corporation GS1508 Datasheet HTML 4Page - Gennum Corporation GS1508 Datasheet HTML 5Page - Gennum Corporation GS1508 Datasheet HTML 6Page - Gennum Corporation GS1508 Datasheet HTML 7Page - Gennum Corporation GS1508 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
522 - 02 - 03
4
DETAILED DESCRIPTION
INPUT INTERFACING
SDI/SDI are high impedance differential inputs. (
See
Figure 1 for equivalent input circuit).
Several conditions must be observed when interfacing to
these inputs:
1. The differential input signal amplitude must be between
150 and 800mVpp.
2. The common mode voltage range must be as specified
in the DC Characteristics table. For a 400mV input from
the GS1504 HD cable equalizer, this corresponds to a
common mode voltage range of between 2.7 and 4.8
volts.
3. For input trace lengths longer than approximately 1cm,
the inputs should be terminated as shown in the Typical
Application Circuit.
The GS1508 inputs are self biased, allowing for simple AC
coupling to the device. For serial digital HDTV, a minimum
capacitor value of 4.7µF should be used to allow coupling
of pathological test signals. A tantalum capacitor is
recommended.
OUTPUT INTERFACING
The GS1508 outputs are current mode, and will drive
800mV into a 75 ohm load. These outputs are protected
from accidental static damage with internal static protection
diodes.
The SMPTE 292M standard requires that the output of a
cable driver have a source impedance of 75
Ω and a return
loss of at least 15dB between 5Mhz and 1.485GHz.
In order for an HD SDI output circuit using the GS1508 to
meet this specification, the output circuit shown in the
Typical Application Circuit is recommended.
The values of LCOMP and CCOMP will vary depending on PCB
layout, but typical values are 12nH and 0.5pF respectively.
The small value of CCOMP can be easily swamped by
parasitic PCB capacitance, so it is recommended that the
ground plane be removed under the GS1508 output
circuitry (
see the Application Information section in this data
sheet for further details). A 4.7µF capacitor is used for AC
coupling the output of the GS1508. This value is chosen to
ensure that pathological signals can be coupled without a
significant DC component occurring.
Fig. 3 Output Optimized for Waveform Symmetry
L=8.2nH, R=75 (Typical ORL=13.5dB)
Fig. 4 Output Optimized for Return Loss
L=12nH, C=0.5pF, R=75 (Typical ORL=18dB)
Figures 3 and 4 show the eye diagram of the GS1508
output for two different output compensation conditions.
Figure 4 shows the GS1508 output optimized for wideband
return loss of 18dB. Figure 3 shows the GS1508 output
optimized for output waveform symmetry. In this case the
output may not exhibit a return loss of 15dB.
When measuring return loss at the GS1508 output it is
necessary to take the measurement for both a logic high
and a logic low output condition. This is because the output
protection diodes act as a varactor (voltage controlled
capacitor) as shown in Figure 5.
Consequently, the output capacitance of the GS1508 is
dependent on the logic state of the output.


Podobny numer części - GS1508

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1508 GENNUM-GS1508 Datasheet
780Kb / 14P
   HDTV Cable Driver
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
GS1508-CTAE3 GENNUM-GS1508-CTAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
DAESAN ELECTRONIC CORP.
GS1508FL DAESAN-GS1508FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1508FL-AU PANJIT-GS1508FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
More results

Podobny opis - GS1508

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com