Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1508-CKA Arkusz danych(PDF) 5 Page - Gennum Corporation

Numer części GS1508-CKA
Szczegółowy opis  HDTV Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508-CKA Arkusz danych(HTML) 5 Page - Gennum Corporation

  GS1508-CKA Datasheet HTML 1Page - Gennum Corporation GS1508-CKA Datasheet HTML 2Page - Gennum Corporation GS1508-CKA Datasheet HTML 3Page - Gennum Corporation GS1508-CKA Datasheet HTML 4Page - Gennum Corporation GS1508-CKA Datasheet HTML 5Page - Gennum Corporation GS1508-CKA Datasheet HTML 6Page - Gennum Corporation GS1508-CKA Datasheet HTML 7Page - Gennum Corporation GS1508-CKA Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
522 - 02 - 03
5
Fig. 5 Static Protection Diodes
OUTPUT RETURN LOSS MEASUREMENT
To perform a practical return loss measurement, it is
necessary to force the GS1508 output to a DC high or low
condition. The actual measured return loss will be based on
the outputs being static at VCC or VCC-1.6V. Under normal
operating conditions the outputs of the GS1508 swing
between VCC-0.4V and VCC-1.2V, so the measured value of
return loss will not represent the actual operating return
loss.
A simple method of calculating the values of actual
operating return loss is to interpolate the two return loss
measurements. In this way, the values of return loss are
estimated
at
VCC-0.4V and VCC-1.2V based on the
measurements at VCC and VCC-1.6V.
The two values of return loss (high and low) will typically
differ by several decibels. If the measured return loss is RH
for logic high and RL for logic low, then the two values can
be interpolated as follows:
RIH = RH- (RH-RL)/4 and
RIL = RL+(RH-RL)/4
where RIH is the interpolated logic high value and RIL is the
interpolated logic low value.
For example, if RH = -18dB and RL = -14dB, then the
interpolated values are RIH = -17dB and RIL = -15dB.
OUTPUT AMPLITUDE ADJUSTMENT
The output amplitude of the GS1508 can be adjusted by
changing the value of the RSET resistor as shown in Figure 6
and Table 1. For an 800mVp-p output with a nominal ±7%
tolerance, a value of 53.6% is required. A ±1% SMT resistor
should be used.
The RSET resistor is part of the high speed output circuit of
the GS1508. The resistor should be placed as close as
possible to the RSET pin. In addition, PCB capacitance
should be minimized at this node by removing the PCB
groundplane beneath the RSET resistor and the RSET pin.
Fig. 6 GS1508 Output Amplitude vs. 1/RSET
NOTE: For reliable operation of the GS1508 over the full
temperature range, do not use an RSET value below 49.9Ω.
SDO
SDO
GS1508
TABLE 1: RSET vs VOUT
RSET R
1/RSET
OUTPUT SWING
500.0
0.0020
0.095
150.0
0.0067
0.298
75.0
0.0133
0.575
53.6
0.0187
0.785
43.2
0.0231
0.937
1.000
0.800
0.600
0.400
0.200
0.000
0.0000
0.0050
0.0100
0.0150
0.0200
0.0250
1 / RSET (mho)


Podobny numer części - GS1508-CKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
More results

Podobny opis - GS1508-CKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com