Zakładka z wyszukiwarką danych komponentów |
|
LM25141RGET Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
LM25141RGET Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 50 page 7 LM25141 www.ti.com SNVSAU1 – MARCH 2017 Product Folder Links: LM25141 Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Electrical Characteristics (continued) TJ = –40°C to +125°C, Typical values TJ = 25°C, VIN = 12 V, VCCX = 5 V, VOUT = 5 V, EN = 5 V, OSC = VDD, FSW = 2.2 MHz, no-load on the Drive Outputs (HO, HOL, LO, and LOL outputs), over operating free-air temperature range (unless otherwise noted) (1)(2) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT FB(EXTRES) Thevenin equivalent resistance at FB for external regulation detection FB < 2 V 5 kΩ TRANSCONDUCTANCE AMPLIFIER Gm Gain Feedback to COMP 1010 1200 µS Input bias current 15 nA Transconductance Amplifier source current COMP = 1 V, FB = 1 V 100 µA Transconductance Amplifier sink current COMP = 1 V, FB = 1.4 V 100 µA POWER GOOD PG(UV) PG under voltage trip levels Falling with respect to the regulation voltage 90% 92% 94% PG(OVP) PG over voltage trip levels Rising with respect to the regulation voltage 108% 110% 112% PG(HYST) 3.4% PG(VOL) PG Open collector, Isink = 2 mA 0.4 V PG(rdly) OV filter time VOUT rising 25 µs PG(fdly) UV filter time VOUT falling 30 µs HO GATE DRIVER VOLH HO Low-state output voltage IHO = 100 mA 0.05 V VOHH HO High-state output voltage IHO = –100 mA, VOHH = VHB - VHO 0.07 V trHO HO rise time (10% to 90%) CLOAD = 2700 pf 4 ns tfHO HO fall time (90% to 10%) CLOAD = 2700 pf 3 ns IOHH HO peak source current VHO = 0 V, SW = 0 V, HB = 5 V, VCCX = 5 V 3.25 Apk IOLH HO peak sink current VCCX = 5 V 4.25 Apk V(BOOT) UVLO HO falling 2.5 V Hysteresis 110 mV I(BOOT) Quiescent current 3 µA LO GATE DRIVER VOLL LO Low-state output voltage ILO = 100 mA 0.05 V VOHL LO High-state output voltage ILO = –100 mA, VOHL = VCC - VLO 0.07 V trLO LO rise time (10% to 90%) CLOAD = 2700 pf 4 ns tfLO LO fall time (90% to 10%) CLOAD = 2700 pf 3 ns IOHL LO peak source current VCCX = 5 V 3.25 Apk IOLL LO peak sink current VCCX = 5 V 4.25 Apk ADAPTIVE DEAD TIME CONTROL V(GS-DET) VGS detection threshold VGS falling, no-load 2.5 V tdly1 HO off to LO on dead time 20 40 ns tdly2 LO off to HO on dead time 20 38 ns DIODE EMULATION VIL DEMB input low threshold 0.8 V VIH FPWM input high threshold 2.0 V SW Zero cross threshold –5 mV |
Podobny numer części - LM25141RGET |
|
Podobny opis - LM25141RGET |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |