Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPVT2412A-W5 Arkusz danych(PDF) 2 Page - Toppower Electronic Technology Limited

Numer części TPVT2412A-W5
Szczegółowy opis  0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPVT2412A-W5 Arkusz danych(HTML) 2 Page - Toppower Electronic Technology Limited

  TPVT2412A-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPVT2412A-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPVT2412A-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPVT2412A-W5 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPVT-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 of 4
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40℃ to 85℃
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
3.3V & 5V output variants
10
12
%
Load Regulation(10% load to rated load)
9V output variants
6.5
8.0
%
Load Regulation(10% load to rated load)
12V output variants
7
9
%
Load Regulation(10% load to rated load)
15V output variants
6.5
7.5
%
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
560mW
Input voltage Vin, TPVT03
5.5V
Input voltage Vin, TPVT05
7V
Input voltage Vin, TPVT12
15V
Input voltage Vin, TPVT24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 minute
3000
VDC
Resistance
Viso= 1000VDC
1
G
Ω
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
3.3V, 5V input variants
120
kHz
Switching frequency
12V, 24V input variants
130
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-55
125
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow solder temperature of 245ºC and time above liquids of 217ºC for 80 seconds. The series is
backward compatible with Sn/Pb soldering systems.
Output Load Current(%)
+9.5%
+5%
V
NOM
-2.5%
+2.5%
-8%
100
75
50
25
10
Typical Loa
d Line
1.5
1.0
0.5
0
-40
0
50
100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105


Podobny numer części - TPVT2412A-W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPVT2412A-W2 TOPPOWER-TPVT2412A-W2 Datasheet
209Kb / 4P
   0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT2412A-W2 TOPPOWER-TPVT2412A-W2 Datasheet
234Kb / 4P
   0.25W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
More results

Podobny opis - TPVT2412A-W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT-W5 TOPPOWER-TPAT-W5_V01 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPET-W5 TOPPOWER-TPET-W5_17 Datasheet
208Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com