Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-ISA111V1 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STEVAL-ISA111V1
Szczegółowy opis  Wide-range single-output demonstration board based on the VIPER26HN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA111V1 Arkusz danych(HTML) 6 Page - STMicroelectronics

  STEVAL-ISA111V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA111V1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Measurements
STEVAL-ISA111V1
6/9
Doc ID 023970 Rev 1
Figure 6.
Active mode efficiency vs. VIN
Figure 7.
Input voltage averaged efficiency
vs. load
AM13375v1
60
65
70
75
80
85
90
95
100
80
110
140
170
200
230260
VIN [VAC]
AM13376v1
75
77
79
81
83
85
87
89
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1
Iout[A]
Figure 8.
PIN vs. VIN at no load and light load Figure 9.
Efficiency vs. VIN at PIN = 1 W
AM11570v1
0
25
50
75
100
125
150
175
200
80105
130155
180205
230255
0
25mW
50mW
VIN [VAC]
AM13378v1
50
55
60
65
70
75
80
85
90
80
110
140
170
200
230260
VIN [VAC]


Podobny numer części - STEVAL-ISA111V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
   5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
More results

Podobny opis - STEVAL-ISA111V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
   Wide range single-output demonstration board based on the VIPER06HS
January 2013 Rev 1
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
   Wide range single-output demonstration board based on the VIPER37LE
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
   Ultra wide range dual output back converter demonstration board based on the VIPER16
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
   Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
February 2013 Rev 1
STEVAL-MKI073V1 STMICROELECTRONICS-STEVAL-MKI073V1 Datasheet
118Kb / 4P
   MEMS demonstration board based on the LY3200ALH analog output single-axis gyroscope
STEVAL-MKI072V1 STMICROELECTRONICS-STEVAL-MKI072V1 Datasheet
119Kb / 4P
   MEMS demonstration board based on the LY3100ALH analog output single-axis gyroscope
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com