Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

744916022 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 744916022
Szczegółowy opis  WE-KI HC SMD High Current Wire Wound Ceramic Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744916022 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744916022 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744916022 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744916022 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744916022 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744916022 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744916022 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HBH
DIN ISO 2768-1m
DESCRIPTION
WE-KI HC SMD High Current Wire
Wound Ceramic Inductor
ORDER CODE
744916022
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0402
001.000
Valid
2015-11-10
eiSos
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 744916022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744916020 WURTH-744916020 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916027 WURTH-744916027 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results

Podobny opis - 744916022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
744916068 WURTH-744916068 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916110 WURTH-744916110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916122 WURTH-744916122 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916124 WURTH-744916124 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917060 WURTH-744917060 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917095 WURTH-744917095 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917151 WURTH-744917151 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917156 WURTH-744917156 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917227 WURTH-744917227 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917233 WURTH-744917233 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916036 WURTH-744916036 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com