Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1661 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części 2SA1661
Szczegółowy opis  Silicon Planar Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1661 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1661 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1661 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1661 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA1661 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Planar Epitaxial Transistor
2SA1661
E094
www.gmicroelec.com
Rev.A
1
FEATURES
High Voltage.
High Transistion Frequency.
Small Flat Package.
APPLICATION
High Current Application.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1661
DO/DY
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-120
V
VCEO
Collector-Emitter Voltage
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-800
mA
IB
Base Current
-160
mA
PC
Collector Power Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Pb
Lead-free


Podobny numer części - 2SA1661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Jin Yu Semicon...
2SA1661 HTSEMI-2SA1661 Datasheet
189Kb / 1P
   TRANSISTOR(PNP)
logo
Jiangsu Changjiang Elec...
2SA1661 JIANGSU-2SA1661 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SA1661 BILIN-2SA1661 Datasheet
244Kb / 4P
   Silicon Planar Epitaxial Transistor
logo
Nanjing International G...
2SA1661 DGNJDZ-2SA1661 Datasheet
978Kb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Dongguan Pingjingsemi T...
2SA1661SQ PJSEMI-2SA1661SQ Datasheet
723Kb / 3P
   PNP Transistor
More results

Podobny opis - 2SA1661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com