Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-P47K-J1K2-1-Z Arkusz danych(PDF) 8 Page - OSRAM GmbH

Numer części LS-P47K-J1K2-1-Z
Szczegółowy opis  PointLED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-P47K-J1K2-1-Z Arkusz danych(HTML) 8 Page - OSRAM GmbH

Back Button LS-P47K-J1K2-1-Z Datasheet HTML 4Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 9Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 10Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 11Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2014-01-08
8
Version 1.1
LS P47K
Forward Current 7) page 19
Durchlassstrom 7) Seite19
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 19 , 8) page 19
Relative Lichtstärke 7) Seite 19 , 8) Seite 19
IV/IV(2 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 19
Relative Lichtstärke 7) Seite 19
IV/IV(25)°C = f(Tj); IF = 2 mA
10
10-3
10-2
-1
100
101
102
OHL00388
1.4
I
F
V
F
1.6
1.8
2.0
2.2
V 2.6
mA
OHL00769
10-1
I
10
0
mA
V (2 mA)
I
V
I
F
10
12
10
0
10
1
10
102
super-red
yellow
0.0
OHL00290
˚C
T
-60
V
V (25 ˚C)
Ι
Ι
-40 -20
020
40
60
100
0.5
1.0
1.5
2.5
j


Podobny numer części - LS-P47K-J1K2-1-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LS-P47K OSRAM-LS-P47K Datasheet
517Kb / 20P
   white SMT package, colorless clear resin
More results

Podobny opis - LS-P47K-J1K2-1-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
   PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
   PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
   PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
   PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
   PointLED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
ams AG
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com