Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-P47K-J1K2-1-Z Arkusz danych(PDF) 5 Page - OSRAM GmbH

Numer części LS-P47K-J1K2-1-Z
Szczegółowy opis  PointLED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-P47K-J1K2-1-Z Arkusz danych(HTML) 5 Page - OSRAM GmbH

  LS-P47K-J1K2-1-Z Datasheet HTML 1Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 2Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 3Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 4Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 5Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 6Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 7Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 8Page - OSRAM GmbH LS-P47K-J1K2-1-Z Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.1
LS P47K
2014-01-08
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups 3) page 19
Dominant Wellenlängengruppen 3) Seite 19
Group
Luminous Intensity
1) page 19
Luminous Intensity
1) page 19
Luminous Flux 7) page 19
Gruppe
Lichtstärke 1)Seite 19
Lichtstärke 1) Seite 19
Lichtstrom 7) Seite 19
(min.) Iv [mcd]
(max.) Iv [mcd]
(typ.) ΦV [mlm]
H1
2.8
3.55
10
H2
3.55
4.5
12
J1
4.5
5.6
15
J2
5.6
7.1
19
K1
7.1
9
24
K2
9
11.2
30
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups
of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die aus
nur wenigen Helligkeitsgruppen besteht. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Group
super red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
624
636
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.


Podobny numer części - LS-P47K-J1K2-1-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LS-P47K OSRAM-LS-P47K Datasheet
517Kb / 20P
   white SMT package, colorless clear resin
More results

Podobny opis - LS-P47K-J1K2-1-Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LR-P47F-U2AB-1 OSRAM-LR-P47F-U2AB-1 Datasheet
564Kb / 22P
   PointLED
LSP47K OSRAM-LSP47K_14 Datasheet
517Kb / 20P
   PointLED
LOP47F OSRAM-LOP47F Datasheet
525Kb / 22P
   PointLED
LSP47F OSRAM-LSP47F_13 Datasheet
522Kb / 21P
   PointLED
LTP4SG OSRAM-LTP4SG Datasheet
597Kb / 22P
   PointLED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
ams AG
LBP4SG AMSCO-LBP4SG Datasheet
1Mb / 22P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2021-10-12
LAP47B AMSCO-LAP47B Datasheet
1Mb / 23P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
LWP4SG AMSCO-LWP4SG Datasheet
2Mb / 26P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.3 2022-03-08
LWP473 AMSCO-LWP473 Datasheet
1Mb / 25P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.6 2023-04-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com