Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STBR3012-Y Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STBR3012-Y
Szczegółowy opis  Automotive high voltage rectifier for bridge applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBR3012-Y Arkusz danych(HTML) 6 Page - STMicroelectronics

  STBR3012-Y Datasheet HTML 1Page - STMicroelectronics STBR3012-Y Datasheet HTML 2Page - STMicroelectronics STBR3012-Y Datasheet HTML 3Page - STMicroelectronics STBR3012-Y Datasheet HTML 4Page - STMicroelectronics STBR3012-Y Datasheet HTML 5Page - STMicroelectronics STBR3012-Y Datasheet HTML 6Page - STMicroelectronics STBR3012-Y Datasheet HTML 7Page - STMicroelectronics STBR3012-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
STBR3012-Y
6/8
DocID029945 Rev 1
Table 5: DO-247 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.85
5.15
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F2
2.00 typ.
0.078 typ.
F3
2.00
2.40
0.078
0.094
G
10.90 typ.
0.429 typ.
H
15.45
15.75
0.608
0.620
L
19.85
20.15
0.781
0.793
L1
3.70
4.30
0.145
0.169
L2
18.50 typ.
0.728 typ.
L3
14.20
14.80
0.559
0.582
L4
34.60 typ.
1.362 typ.
L5
5.50 typ.
0.216 typ.
M
2.00
3.00
0.078
0.118
V
V2
60°
60°
Dia.
3.55
3.65
0.139
0.143


Podobny numer części - STBR3012-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR3012W STMICROELECTRONICS-STBR3012W Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
More results

Podobny opis - STBR3012-Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STBR6012-Y STMICROELECTRONICS-STBR6012-Y Datasheet
307Kb / 8P
   Automotive high voltage rectifier for bridge applications
November 2016 Rev 1
STBR6012 STMICROELECTRONICS-STBR6012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
STBR3012 STMICROELECTRONICS-STBR3012 Datasheet
303Kb / 8P
   High voltage rectifier for bridge applications
November 2016 Rev 1
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
   Motor bridge driver for automotive applications
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
   Motor bridge driver for automotive applications
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
   High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
   Dual High Side Switch for H-Bridge Automotive Applications
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
   H-bridge gate driver for automotive applications
February 2021 Rev 6
logo
NTE Electronics
NTE504 NTE-NTE504 Datasheet
17Kb / 2P
   High Voltage Selenium Rectifier for TV Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com