Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPIBU60-106 Arkusz danych(PDF) 1 Page - Total Power International

Numer części TPIBU60-106
Szczegółowy opis  63W Open Frame Type Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIBU60-106 Arkusz danych(HTML) 1 Page - Total Power International

  TPIBU60-106 Datasheet HTML 1Page - Total Power International TPIBU60-106 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
Features:
WideOperatingVoltage81to280VAC,47to400Hzor90to420VDC
InternalEMIfilter
SingletoQuadOutput
Size:3"x5"x1.1"
PowerFailDetect(Optional)
Operatingtemperature-20~70°C
ClassI
3yearwarranty
ElectricalCharacteristics:
Vin
UniversalInputVoltage
OperatingVoltage
90~264VAC
106~250VDC
81~280VAC
90~420VDC
TPIBU60 SERIES
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C CalculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
fin
InputFrequency
47~63Hz
Po
Vo
Io
Iil
Iih
Ir
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VACor160VDC
Io=Fullload,Vin=240VACor325VDC
Io=Fullload,25°C,Coolstart,
Vin=115VACor160VDC
Io=Fullload,25°C,Coolstart,
Vin=230VACor325VDC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
1.6A
0.8A
35A (max.)
70A (max.)
70~88%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Io=Fullload,Vin=230VACor325VDC
Io=FullLoad
Vin=230VACor325VDC
Io=FullLoadtoHalfLoad,
Vin=100VACor140VDC
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
112~132%
110~150%
0.5~1%
5~6%
5mS(max.)
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=110VACor160VDC
Io=FullLoad,Vin=100VACor140VDC
FullLoad,Vin=85VACor100VDC
Vin=240VAC/60Hz
Alloutput
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.05%/°C
2S (max.)
16mS (min.)
0.45mA (max.)
1%(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
Vpg
Ris
4242VDC (min.)
2414VDC (min.)
Primarytosecondary
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytosecondary
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
Note: TheRipple&Noisewhichisunder3.3VDCat2%max
63WOpenFrameType
IndustrialPowerSupplies
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
-Monitor
-IndustrialPC
-Set-topbox
- AVequipment
-CCDrecorder
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Total Power International, Inc.
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Podobny numer części - TPIBU60-106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPIBU61-101 TOTAL-POWER-TPIBU61-101 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU61-102 TOTAL-POWER-TPIBU61-102 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU61-103 TOTAL-POWER-TPIBU61-103 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU61-104 TOTAL-POWER-TPIBU61-104 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU61-105 TOTAL-POWER-TPIBU61-105 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
More results

Podobny opis - TPIBU60-106

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
TPMBU60 TOTAL-POWER-TPMBU60 Datasheet
299Kb / 2P
   63W Open Frame Type Medical Power Supplies
TPMBU61 TOTAL-POWER-TPMBU61 Datasheet
301Kb / 2P
   63W Open Frame Type Medical Power Supplies
logo
Volgen Kaga Electronics...
IBU61 VOLGEN-IBU61 Datasheet
383Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
IBU60 VOLGEN-IBU60 Datasheet
393Kb / 2P
   63W Open frame switching power supplies for Industrial Equipment
logo
Total Power Internation...
TPIBU-40 TOTAL-POWER-TPIBU-40 Datasheet
254Kb / 2P
   40W Open Frame Type Industrial Power Supplies
TPIBU-81 TOTAL-POWER-TPIBU-81 Datasheet
287Kb / 2P
   80W Open Frame Type Industrial Power Supplies
logo
Vitec Power
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
   63W Open Frame Power Supply for Industrial Equipment
logo
DB Lectro Inc
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU60 DBLECTRO-SBU60 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com