Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0808CCVX Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części ADC0808CCVX
Szczegółowy opis  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0808CCVX Arkusz danych(HTML) 3 Page - Texas Instruments

  ADC0808CCVX Datasheet HTML 1Page - Texas Instruments ADC0808CCVX Datasheet HTML 2Page - Texas Instruments ADC0808CCVX Datasheet HTML 3Page - Texas Instruments ADC0808CCVX Datasheet HTML 4Page - Texas Instruments ADC0808CCVX Datasheet HTML 5Page - Texas Instruments ADC0808CCVX Datasheet HTML 6Page - Texas Instruments ADC0808CCVX Datasheet HTML 7Page - Texas Instruments ADC0808CCVX Datasheet HTML 8Page - Texas Instruments ADC0808CCVX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADC0808-N, ADC0809-N
www.ti.com
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
Electrical Characteristics – Converter Specifications (continued)
Converter Specifications: VCC=5 VDC=VREF+, VREF(−)=GND, TMIN≤TA≤TMAX and fCLK=640 kHz unless otherwise stated.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC0809
0°C to 70°C
±1
LSB
Total Unadjusted Error(1)
TMIN to TMAX
±1¼
LSB
Input Resistance
From Ref(+) to Ref(
−)
1.0
2.5
k
Ω
Analog Input Voltage Range
See (2) V(+) or V(
−)
GND
− 0.1
VCC + 0.1
VDC
VREF(+)
Voltage, Top of Ladder
Measured at Ref(+)
VCC
VCC + 0.1
V
Voltage, Center of Ladder
(VCC/2) − 0.1
VCC/2
(VCC/2) + 0.1
V
VREF(−)
Voltage, Bottom of Ladder
Measured at Ref(
−)
−0.1
0
V
IIN
Comparator Input Current
fc=640 kHz,
(3)
−2
±0.5
2
μA
(2)
Two on-chip diodes are tied to each analog input which will forward conduct for analog input voltages one diode drop below ground or
one diode drop greater than the VCCn supply. The spec allows 100 mV forward bias of either diode. This means that as long as the
analog VIN does not exceed the supply voltage by more than 100 mV, the output code will be correct. To achieve an absolute 0VDC to
5VDC input voltage range will therefore require a minimum supply voltage of 4.900 VDC over temperature variations, initial tolerance and
loading.
(3)
Comparator input current is a bias current into or out of the chopper stabilized comparator. The bias current varies directly with clock
frequency and has little temperature dependence (Figure 8). See ANALOG COMPARATOR INPUTS
Electrical Characteristics – Digital Levels and DC Specifications
Digital Levels and DC Specifications: ADC0808CCN, ADC0808CCV, ADC0809CCN and ADC0809CCV, 4.75
≤VCC≤5.25V,
−40°C≤TA≤+85°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ANALOG MULTIPLEXER
VCC=5V, VIN=5V,
IOFF(+)
OFF Channel Leakage Current
TA=25°C
10
200
nA
TMIN to TMAX
1.0
μA
VCC=5V, VIN=0,
IOFF(−)
OFF Channel Leakage Current
TA=25°C
−200
−10
nA
TMIN to TMAX
−1.0
μA
CONTROL INPUTS
VIN(1)
Logical “1” Input Voltage
(VCC − 1.5)
V
VIN(0)
Logical “0” Input Voltage
1.5
V
Logical “1” Input Current (The Control
IIN(1)
VIN=15V
1.0
μA
Inputs)
Logical “0” Input Current (The Control
IIN(0)
VIN=0
−1.0
μA
Inputs)
ICC
Supply Current
fCLK=640 kHz
0.3
3.0
mA
DATA OUTPUTS AND EOC (INTERRUPT)
VCC = 4.75V
VOUT(1)
Logical “1” Output Voltage
IOUT = −360µA
2.4
V
IOUT = −10µA
4.5
V
VOUT(0)
Logical “0” Output Voltage
IO=1.6 mA
0.45
V
VOUT(0)
Logical “0” Output Voltage EOC
IO=1.2 mA
0.45
V
VO=5V
3
μA
IOUT
TRI-STATE Output Current
VO=0
−3
μA
Electrical Characteristics – Timing Specifications
Timing Specifications VCC=VREF(+)=5V, VREF(−)=GND, tr=tf=20 ns and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
MIn
Typ
Max
Units
tSTCLK
Start Time Delay from Clock
(Figure 7)
300
900
ns
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC0808-N ADC0809-N


Podobny numer części - ADC0808CCVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0808CCVX NSC-ADC0808CCVX Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808CCVX TI1-ADC0808CCVX Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808CCVX/NOPB TI1-ADC0808CCVX/NOPB Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808CCVXNOPB TI1-ADC0808CCVXNOPB Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results

Podobny opis - ADC0808CCVX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com