Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z-400UK Arkusz danych(PDF) 2 Page - Pulse A Technitrol Company

Numer części Z-400UK
Szczegółowy opis  xDSL over POTS In-Line Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Z-400UK Arkusz danych(HTML) 2 Page - Pulse A Technitrol Company

  Z-400UK Datasheet HTML 1Page - Pulse A Technitrol Company Z-400UK Datasheet HTML 2Page - Pulse A Technitrol Company Z-400UK Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Z-400UK
xDSL over POTS In-Line Filter
www.pulseelectronics.com
Z-400UK.A (3/14)
Z-400UK Electical Specifications
Matching BT impedance for voice terminals
150nF // 750
Ω + 270Ω
POTS Pass Band Return Loss
Line and Phone
port with 1 filter
0.3 - 0.5kHz
14dB Min
0.5 - 2.0kHz
18dB Min
2.0 - 3.4kHz
14dB Min
Line port with 2 filter
0.3 - 0.5kHz
14dB Min
0.5kHz
18dB Min
0.5 - 2.0kHz
16dB Min
2.0 - 3.4kHz
12dB Min
Line port with 3 filter
0.3 - 0.5kHz
14dB Min
0.5 kHz
18dB Min
0.5 - 2.0kHz
14dB Min
2.0 - 3.4kHz
10dB Min
Off-Hook Insertion Loss: Maximum IL and IL Variation
200Hz < f < 4kHz, with 1 filter
2.0dB Max
200Hz < f < 4kHz, with 2 filter
2.5dB Max
200Hz < f < 4kHz, with 3 filter
3.0dB Max
On-Hook Insertion Loss with high impedance: Maximum IL and IL Variation
200Hz < f < 2.8kHz, with 1~3 filter
4.0dB Max
On-Hook Insertion Loss with low impedance: Maximum IL and IL Variation
200Hz < f < 2.8kHz, with 1 filter
2.0dB Max
Unbalance About Earth (terminated with 600
Ω)
50Hz to 600Hz
40dB Min
600Hz to 3400Hz
46dB Min
3400Hz to 4000Hz
40dB Min
Longitudinal Balance (25kHz to 1.1MHz)
40dB Min
Off-Hook ADSL Stop Band Isolation (Insertion Loss) w/100
Ω at Line/Phone
32kHz to 200KHz
30dB Min
200kHz to 30MHz
55dB Min
DSL Signal Loss
32kHz to 50kHz
3.0dB Max
50kHz to 30MHz
1.0dB Max
Group Delay
0.2 - 0.6kHz
250us Max
0.6 - 3.2kHz
200us Max
3.2 - 4.0kHz
250us Max
DC Resistance
50
Ω Max
Isolation impedance
5M
Ω Min
Ringing voltage drop at 25Hz and 50Hz
< 2VRMS(source e.m.f. 35 VRMS)
DC Feeding Current (Loop Current)
< 80 mA
AC ringing voltage (25-50Hz)
< 100 Vrms
Connectors: UK plug (Line); RJ11 Jack (DSL); UK socket (Phone)


Podobny numer części - Z-400UK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
Z-460 OHMITE-Z-460 Datasheet
138Kb / 1P
   R. F. Plate Chokes
More results

Podobny opis - Z-400UK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
Z-321NFW-50 PULSE-Z-321NFW-50 Datasheet
338Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF PULSE-Z-321NF Datasheet
368Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-ST PULSE-Z-321NF-ST Datasheet
438Kb / 2P
   xDSL over POTS In-Line Filter
Z-300TJ PULSE-Z-300TJ Datasheet
283Kb / 2P
   xDSL over POTS In-Line Filter
Z-321P2J PULSE-Z-321P2J Datasheet
389Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NFW PULSE-Z-321NFW Datasheet
354Kb / 2P
   xDSL over POTS In-Line Filter
Z-321NF-50 PULSE-Z-321NF-50 Datasheet
369Kb / 2P
   xDSL over POTS In-Line Filter
logo
List of Unclassifed Man...
Z-230PJ ETC2-Z-230PJ Datasheet
383Kb / 2P
   xDSL over POTS In-Line Filter
logo
Pulse A Technitrol Comp...
Z-330PJ PULSE-Z-330PJ Datasheet
307Kb / 2P
   xDSL over POTS CPE In-Line Filter
Z-330P2J-A PULSE-Z-330P2J-A Datasheet
338Kb / 2P
   xDSL over POTS CPE In-Line Filter
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com