Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-TCS003V1 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STEVAL-TCS003V1
Szczegółowy opis  24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TCS003V1 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STEVAL-TCS003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TCS003V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STEVAL-TCS003V1
Circuit schematics
Doc ID 16367 Rev 1
3/5
Note:
1
ICC interface must be closure to the ST7 device.
2
The lenght of the track of ICCDATA and ICCCLK must be same and should be small.
3
External OSC must be placed closure to ST7 device.
4
All the 100 nF capacitor between any supply pins and GND must be placed near to the
regulator outputs.
5
C16 and C18 must be placed closure to STMPE2403 device.
6
32 kHz OSC mustr be placed closure to STMPE2403 device.
7
All the capacitor connected to device supply pins must be placed closure to the device.
Obsolete
Product(s)
- Obsolete
Product(s)


Podobny numer części - STEVAL-TCS003V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
   24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
More results

Podobny opis - STEVAL-TCS003V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
   24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STEVAL-ILL020V1 STMICROELECTRONICS-STEVAL-ILL020V1 Datasheet
258Kb / 5P
   LCD panels backlight demonstration board based on the LED7706
STEVAL-ILL021V1 STMICROELECTRONICS-STEVAL-ILL021V1 Datasheet
257Kb / 5P
   LCD panels backlight demonstration board based on the LED7707
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
   24-pin smartcard interface demonstration board based on the ST8034HN
August 2013 Rev 1
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com