Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPTIC-68G2 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STPTIC-68G2
Szczegółowy opis  High power capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-68G2 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STPTIC-68G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 9Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 10Page - STMicroelectronics STPTIC-68G2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Reflow profile
STPTIC-68G2
8/11
DocID028100 Rev 1
3
Reflow profile
Figure 11. ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
Table 8. Recommended values for soldering reflow
Profile
Value
Typical
Max.
Temperature gradient in preheat (T = 70-180 °C)
0.9 °C/s
3 °C/s
Temperature gradient (T = 200-225 °C)
2 °C/s
3 °C/s
Peak temperature in reflow
240-245 °C
260 °C
Time above 220 °C
60 s
90 s
Temperature gradient in cooling
-2 to -3 °C/s
-6 °C/s
Time from 50 to 220 °C
160 to 220 s


Podobny numer części - STPTIC-68G2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPTIC-68G2C5 STMICROELECTRONICS-STPTIC-68G2C5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-68G2H5 STMICROELECTRONICS-STPTIC-68G2H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-68G2M6 STMICROELECTRONICS-STPTIC-68G2M6 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Podobny opis - STPTIC-68G2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
   High Power Handling Capability
logo
Shanghai Lunsure Electr...
AR25Z CHENYI-AR25Z Datasheet
50Kb / 2P
   High power capability Economical
AR35L CHENYI-AR35L Datasheet
50Kb / 2P
   High power capability Economical
logo
Pasternack Enterprises,...
PE20S0004 PASTERNACK-PE20S0004 Datasheet
461Kb / 6P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com