Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSAU203 Arkusz danych(PDF) 3 Page - Total Power International

Numer części MSAU203
Szczegółowy opis  SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOTAL-POWER [Total Power International]
Strona internetowa  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU203 Arkusz danych(HTML) 3 Page - Total Power International

  MSAU203 Datasheet HTML 1Page - Total Power International MSAU203 Datasheet HTML 2Page - Total Power International MSAU203 Datasheet HTML 3Page - Total Power International MSAU203 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSAU200 SERIES
DC/DC CONVERTER 1W, SMD-Package
Package Specifications
Mechanical Dimensions (5V & 12V Input)
Connecting Pin Patterns
Mechanical Dimensions (24V Input)
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
NA
4
Common
5
-Vout
6
NA
7
+Vout
8
NA
9
NA
10
NA
NA : Not Available for Electrical Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Physical Characteristics
Case Size (5V&12V Input)
:
15.24x8.0x6.8mm (0.60x0.31x0.27 Inches)
Case Size (24V Input)
:
15.24 x8.3x7.8mm (0.60x0.33x0.31 Inches)
Case Material
:
Molding (flammability to UL 94V-0 rated)
Weight (5V&12V Input)
:
1.8g
Weight (24V Input)
:
2.2g
1
23
5
10 9
8
6
9.0 [0.35]
7.4 [0.29]
S SEATING PLANE
( Magnification of A )
15.24 [0.6]
[0.1]
2.54
0.60 [0.02]
4
7
[0.4]
10.16
0.15 S
15.3 [0.6]
0.60 [0.02]
1
23
4
10 9
8
7
[0.1]
2.54
[0.4]
10.16
5
6
9.2 [0.36]
7.0 [0.28]
A
S SEATING PLANE
0.15 S
( Magnification of A )
1.7 [0.07]
10.16 [0.40]
10.8 [0.43]
2.54 [0.10]
1.0 [0.04]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Podobny numer części - MSAU203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
MSAU203 TOTAL-POWER-MSAU203 Datasheet
167Kb / 6P
   1 Watts Ultra Miniature SMD DC/DC Converters
logo
Minmax Technology Co., ...
MSAU203 MINMAX-MSAU203 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
MSAU203 MINMAX-MSAU203 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
More results

Podobny opis - MSAU203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com